Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L5951 Datasheet(PDF) 15 Page - STMicroelectronics

Part # L5951
Description  Triple output multifunction voltage regulator for car radio with IDR/class2 interface
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L5951 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button L5951 Datasheet HTML 10Page - STMicroelectronics L5951 Datasheet HTML 11Page - STMicroelectronics L5951 Datasheet HTML 12Page - STMicroelectronics L5951 Datasheet HTML 13Page - STMicroelectronics L5951 Datasheet HTML 14Page - STMicroelectronics L5951 Datasheet HTML 15Page - STMicroelectronics L5951 Datasheet HTML 16Page - STMicroelectronics L5951 Datasheet HTML 17Page - STMicroelectronics L5951 Datasheet HTML 18Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 15 / 18 page
background image
DocID7510 Rev 2
15/18
L5951
Typical application circuit
18
Table 7. External components parts list for standard application
Quantity
Application
Description
Part Description
Note Number
5
C1, C8
CAP - 0.1
F, 25V
(1)
1. Noise suppression
3
C3, C5, C7
CAP - Tant 10
F, 10V
(2)
2. Output compensation
1
R1
RES-47k, 1/16W 5%
(3)
3. Pull down resistor
1
R2
RES - 10.7k, 1/16W, 1%
(4)
4. Bus resistor
1
R3
RES - 68k, 1/16W, 1%
(5)
5. Bus slew rate control
1
C9
CAP - 25V, 470pF
(6)
6. Proper bus capacitance
1
C10
CAP - 50V, 470pF
(1)
Reasons for this component choice:
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com