Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L9026 Datasheet(PDF) 40 Page - STMicroelectronics

Part # L9026
Description  Automotive configurable multi-channel relay driver 2HS 6HS/LS
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9026 Datasheet(HTML) 40 Page - STMicroelectronics

Back Button L9026_V01 Datasheet HTML 36Page - STMicroelectronics L9026_V01 Datasheet HTML 37Page - STMicroelectronics L9026_V01 Datasheet HTML 38Page - STMicroelectronics L9026_V01 Datasheet HTML 39Page - STMicroelectronics L9026_V01 Datasheet HTML 40Page - STMicroelectronics L9026_V01 Datasheet HTML 41Page - STMicroelectronics L9026_V01 Datasheet HTML 42Page - STMicroelectronics L9026_V01 Datasheet HTML 43Page - STMicroelectronics L9026_V01 Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 60 page
background image
11.2
Daisy chain capability
L9026 implements SPI with daisy chain capability where a single master can address multiple slaves by driving a
single NCS and MOSI lines, getting back data from a single MISO line as reported in the Figure 20.
Figure 20. SPI Daisy chain configuration
In order to gain flexibility, the daisy chain approach can be used not only to address multiple L9026 but the IC
allows addressing also mixed configurations, provided that all the elements of the chain work with CPOL = 0,
CPHA = 0.
As reported in Figure 21, the only condition to be met is that the frame loaded inside each device of the chain is
consistent and error free once the MNCS is de-asserted.
Figure 21. SPI message in daisy chain configuration
11.3
SPI electrical specifications
3 V ≤ VDDIO ≤ 5.5 V; 6 V ≤ VBATT ≤ 18 V; -40 °C ≤ Tj ≤ 150 °C unless otherwise noticed. All voltages are
referred to GND pin.
Table 19. SPI electrical parameters
Parameter
Description
Test condition
Min
Typ
Max
Unit
Input SPI pins – low level
VNCS(L)
NCS
-
-
-
0.8
V
VCLK(L)
CLK
-
-
-
0.8
V
VSI(L)
SI
-
-
-
0.8
V
Input SPI pins – high level
VNCS(H)
NCS
-
2
-
-
V
VCLK(H)
CLK
-
2
-
-
V
VSI(H)
SI
-
2
-
-
V
Input pull up resistor at NCS pin
RNCS
L-input pull-up resistor at NCS pin
VNCS = 0.8 V
40
58
95
KΩ
L9026
SPI
DS13397 - Rev 9
page 40/60



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com