Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L9026 Datasheet(PDF) 21 Page - STMicroelectronics

Part # L9026
Description  Automotive configurable multi-channel relay driver 2HS 6HS/LS
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9026 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button L9026 Datasheet HTML 17Page - STMicroelectronics L9026 Datasheet HTML 18Page - STMicroelectronics L9026 Datasheet HTML 19Page - STMicroelectronics L9026 Datasheet HTML 20Page - STMicroelectronics L9026 Datasheet HTML 21Page - STMicroelectronics L9026 Datasheet HTML 22Page - STMicroelectronics L9026 Datasheet HTML 23Page - STMicroelectronics L9026 Datasheet HTML 24Page - STMicroelectronics L9026 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 60 page
background image
7
Power stages
There are two fixed high-side channels and six channels which can be used either as low-side or as high-side
switches. During the diagnosis in OFF State, the sequences of operations (pull-up or pull-down current source
activation) are determined according to the SPI settings of CFG_0 register.
For the configurable channels, when in high-side configuration, the load is connected between ground and source
of the power transistor (pins SOURCEn, n = 2...7) while the drains (pins DRAINn, n = 2...7) can be connected to
any potential between ground and VBATT.
The source of the power transistors in case of low side configuration is connected to ground pin (or directly or via
a reverse current blocking diode).
For each channels the configuration can be selected through SPI.
Figure 8. HS driver (left) and LS driver (right) configuration
7.1
Operating modes
The RDS(ON) (on-state resistance), depends on the Tj (junction temperature) and on the supply voltage.
7.1.1
Switching resistive modes
Refer to the following switching times and slew rates in case of switching of resistive loads.
L9026
Power stages
DS13397 - Rev 9
page 21/60



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com