| Electronic Components Datasheet Search |
|
L9300 Datasheet(PDF) 58 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L9300 Datasheet(HTML) 58 Page - STMicroelectronics |
|
58 / 178 page ![]() Figure 35. Driver behavior in short to battery condition: HS_config=1, SW_cntr=1, OVC_R=1 GADG1807171607PS Solenoid supply disconnection When solenoid driver is configured in LS configuration recirculation happens through the internal HS FET. If the supply of HS power stage is lost, due to the inductive nature of the load, voltage at LOADx pin could rise above absolute ratings damaging the device; to prevent such a condition a clamping structure is integrated in the LS driver. If the clamping structure is activated in normal operation it means a disconnection of HS supply happened: as a consequence the solenoid channel is put in tristate and a dedicated diagnostic bit is set. To restart the channel the microcontroller has to clear the fault bit (reading the fault register) and to enable the channel again. LS clamp circuitry is automatically disabled when VBATP over voltage is detected to avoid unwanted clamp activation during load dump event. OFF State Diagnostic The device provides off-state diagnostic for each channel; simplified schematic of implemented diagnostic is shown in Figure 36 and Figure 37 depending on the chosen configuration. By default diagnostic pull up/down currents are disabled and comparator outputs are masked by internal logic, to enable OFF state diagnostic the channel must be put first in tristate condition and then (if not already done with previous SPI frames) diagnostic must be enabled. Once the desired channel is put in tristate a false diagnostic can be sensed due to the time needed to discharge output voltage through the load. To avoid unwanted fault detection a blanking time is implemented: during this time diagnostic comparators are masked. The diagnostic blanking time is programmable through SPI to choose the proper value depending on external load value and ESD capacitor connected to the output pin. Fault conditions are latched and cleared on SPI read, however they do not prevent enabling of the solenoid channels. OFF state diagnostic comparators are the same for both HS and LS configuration and their output is decoded from internal logic to set SPI fault bits according to the following figure: L9300 Valve drivers DS12258 - Rev 5 page 58/178 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |