Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L9300 Datasheet(PDF) 116 Page - STMicroelectronics

Part # L9300
Description  Automotive flexible U-chip for braking and transmission
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9300 Datasheet(HTML) 116 Page - STMicroelectronics

Back Button L9300 Datasheet HTML 112Page - STMicroelectronics L9300 Datasheet HTML 113Page - STMicroelectronics L9300 Datasheet HTML 114Page - STMicroelectronics L9300 Datasheet HTML 115Page - STMicroelectronics L9300 Datasheet HTML 116Page - STMicroelectronics L9300 Datasheet HTML 117Page - STMicroelectronics L9300 Datasheet HTML 118Page - STMicroelectronics L9300 Datasheet HTML 119Page - STMicroelectronics L9300 Datasheet HTML 120Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 116 / 178 page
background image
WSIRSDR[0:3]
WSI REMOTE SENSOR DATA/FAULT REGISTER 0 to 3
If Bit 15 = 0
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
If Bit 15 = 1
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Address:
GLOBAL_BaseAddress + 0x13 + n (where n = 0 to 3)
Type:
R
Reset:
if bit 15 = 0 then 0bXXX0 X0XX0000 0000 0000 — if bit 15 = 1 then 0bXXX0 X0XX0000 0000 1000
Description:
WSIRSDRx register stores status bits of WSS interface. Output format depends on the status of bit 15.
NOTE:
If (CONFIG pin LOW) or (CONFIG pin HIGH and TRKSEL pin HIGH)
≥ TRK MODE start with FAULT bit at 0
If (CONFIG pin HIGH and TRKSEL pin LOW)
≥ WSS MODE start with FAULT bit at 1
FAULT bit is set when any of the following bits are '1': STG, STB, CURRENT_HI, OPENDET, RSTEMP, NODATA,
INVALID, SLOT ERROR, PULSE OVERFLOW ERROR
[19:17] CRC [2:0]: CRC based on bits [16:0]
Reset events: VB_UV, GND_LOSS, POR
[16] STDSTL: Standstill indication (only for VDA sensor or PWM 2 edges)
0: Standstill not detected
1: Standstill detected
Reset events: VB_UV, GND_LOSS, POR
[15] FLT: Fault Status, depending on fault status the DATA bits are defined differently. Cleared when all the fault bits are 0,
set when one of the fault bits is 1
0: No fault
1: Fault
Value at reset:
0: If (CONFIG pin LOW) or (CONFIG pin HIGH and TRKSEL pin HIGH)
1: If (CONFIG pin HIGH and TRKSEL pin LOW)
Reset events: VB_UV, GND_LOSS, POR, DATA READ
If Bit 15 = 0 ==> No Fault Condition
L9300
SPI interface and register mapping
DS12258 - Rev 5
page 116/178



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com