Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L9300 Datasheet(PDF) 121 Page - STMicroelectronics

Part # L9300
Description  Automotive flexible U-chip for braking and transmission
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9300 Datasheet(HTML) 121 Page - STMicroelectronics

Back Button L9300 Datasheet HTML 117Page - STMicroelectronics L9300 Datasheet HTML 118Page - STMicroelectronics L9300 Datasheet HTML 119Page - STMicroelectronics L9300 Datasheet HTML 120Page - STMicroelectronics L9300 Datasheet HTML 121Page - STMicroelectronics L9300 Datasheet HTML 122Page - STMicroelectronics L9300 Datasheet HTML 123Page - STMicroelectronics L9300 Datasheet HTML 124Page - STMicroelectronics L9300 Datasheet HTML 125Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 121 / 178 page
background image
16.3.2
TRACK-CAN registers
Table 59. TRACK-CAN registers address mapping
Register description
Register name
TRK-CAN DISABLE
TRKDISABLE
TRK-CAN FAULT
TRKFAULT
TRKDISABLE
TRK-CAN DISABLE
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
R
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
Address:
GLOBAL_BaseAddress + 0x8
Type:
RW
Reset:
0b0000 0000 0110 0000 0000
Description:
TRK-CAN DISABLE register stores Tracking regulator and CAN interface Disable configuration
[19:11] unused
Reset events: -
[10] CAN WAKE-UP:
0: CAN Wake-up disabled
1: CAN Wake-up enabled
Reset events: VB_UV, GND_LOSS, POR
[9] CAN PATTERN WAKE-UP:
0: CAN WAKE-UP by any transition
1: CAN WAKE-UP by normal pattern
Reset events: VB_UV, GND_LOSS, POR
[8] CAN SLEEP MODE:
0: Normal mode
1: CAN transceiver disabled and error cleaned
Reset events: VB_UV, GND_LOSS, POR
[7] CAN REC-ONLY:
0: Receiver-Only mode disabled
1: Receiver-Only mode enabled
Reset events: VB_UV, GND_LOSS, POR
L9300
SPI interface and register mapping
DS12258 - Rev 5
page 121/178



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com