| Electronic Components Datasheet Search |
|
L9300 Datasheet(PDF) 176 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L9300 Datasheet(HTML) 176 Page - STMicroelectronics |
|
176 / 178 page ![]() List of figures Figure 1. Internal block diagram ............................................................... 3 Figure 2. Internal block diagram with internal supply domain partitioning ................................... 4 Figure 3. Pin out (exposed pad down top view, exposed pad up bottom view) ............................... 5 Figure 4. Internal supply power-up timings....................................................... 11 Figure 5. Wake up through WAKE pin .......................................................... 12 Figure 6. Power down from WAKE pin.......................................................... 14 Figure 7. Power down from power hold condition .................................................. 15 Figure 8. Power down from not refreshing keep-alive bit ............................................. 16 Figure 9. Device state block diagram .......................................................... 17 Figure 10. VDD1 regulator circuit .............................................................. 19 Figure 11. VDD2 linear or tracking regulator ...................................................... 22 Figure 12. VDD3 linear regulator with external N-ch FET.............................................. 25 Figure 13. VDD4 regulator linear configuration ..................................................... 27 Figure 14. TRK regulators ................................................................... 30 Figure 15. WSI control blocks ................................................................ 31 Figure 16. WS compatibility .................................................................. 32 Figure 17. Standstill operation when PWM two edges per tooth is selected ................................. 33 Figure 18. Definition of speed pulse and data log bits ................................................ 34 Figure 19. Signal monitoring: normal speed ....................................................... 34 Figure 20. Signal monitoring: high Speed ........................................................ 35 Figure 21. Signal monitoring: standstill .......................................................... 35 Figure 22. Reset generation ................................................................. 41 Figure 23. Reset power up/down .............................................................. 42 Figure 24. VDD3 reset conditioning ............................................................ 42 Figure 25. VDD4 reset conditioning ............................................................ 42 Figure 26. Internal supply concept ............................................................. 45 Figure 27. High–side and low–side configuration ................................................... 49 Figure 28. Hardware control configuration ........................................................ 50 Figure 29. Dither functionality ................................................................ 52 Figure 30. Software mode filter time ............................................................ 54 Figure 31. Software control loop configuration ..................................................... 54 Figure 32. Driver timing chart HS_config=0, SW_cntr=1 .............................................. 55 Figure 33. Driver timing chart HS_config=1, SW_cntr=1 .............................................. 55 Figure 34. Driver behavior in short to GND condition: HS_config=1, SW_cntr=1, OVC_R=1...................... 57 Figure 35. Driver behavior in short to battery condition: HS_config=1, SW_cntr=1, OVC_R=1 .................... 58 Figure 36. LS configuration diagnostic .......................................................... 59 Figure 37. HS configuration diagnostic .......................................................... 60 Figure 38. Failsafe concept .................................................................. 65 Figure 39. Pump PWM programming ........................................................... 66 Figure 40. Pump motor concept ............................................................... 67 Figure 41. Charge pump .................................................................... 69 Figure 42. GPO driver...................................................................... 71 Figure 43. PRUN WD block diagram............................................................ 75 Figure 44. PRUN WD initialization ............................................................. 75 Figure 45. WD time-out timings at power up ...................................................... 76 Figure 46. WD enable/disable function .......................................................... 77 Figure 47. WD PRUN over frequency detection .................................................... 78 Figure 48. Reset latch block diagram ........................................................... 79 Figure 49. Reset-Latch timing diagram .......................................................... 80 Figure 50. WD block diagram................................................................. 82 Figure 51. Monodirectional Timing check evolution .................................................. 83 Figure 52. Bidirectional Timing check evolution .................................................... 83 Figure 53. WD FSM evolution. WD_TO_RST_EN =0 ................................................ 85 L9300 List of figures DS12258 - Rev 5 page 176/178 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |