Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L9305QFP Datasheet(PDF) 7 Page - STMicroelectronics

Part # L9305QFP
Description  Automotive 4-channel valve driver
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9305QFP Datasheet(HTML) 7 Page - STMicroelectronics

Back Button L9305QFP Datasheet HTML 3Page - STMicroelectronics L9305QFP Datasheet HTML 4Page - STMicroelectronics L9305QFP Datasheet HTML 5Page - STMicroelectronics L9305QFP Datasheet HTML 6Page - STMicroelectronics L9305QFP Datasheet HTML 7Page - STMicroelectronics L9305QFP Datasheet HTML 8Page - STMicroelectronics L9305QFP Datasheet HTML 9Page - STMicroelectronics L9305QFP Datasheet HTML 10Page - STMicroelectronics L9305QFP Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 107 page
background image
Table 1. PowerSSO-36 and TQFP48 pins list
Pin number
PowerSSO-36
Pin number
TQFP48
Symbol
Function
1
10
GND_SOL1 Channel 1 Ground: Ground connection for channel 1 power stage.
2
11
LOAD_SOL1 Channel 1 Output
3
12
VS_SOL1
Channel 1 Supply Voltage: Connect to Switched Battery Voltage with
reverse protection diode
4
13
IN_DIS0
Parallel Input Channel 0: Input for direct control from external MCU when
in SW Mode; Disable channel command when in SW mode
5
14
IN_DIS1
Parallel Input Channel 1: Input for direct control from external MCU when
in SW Mode; Disable channel command when in SW mode
6
15
CS
SPI Chip Select Input: SPI communication protocol Chip Select from
MCU to the device. Digital logic level: 5.0V or 3.3V
7
16
MOSI
SPI Data Input: SPI communication protocol input from MCU to the
device. Digital logic level: 5.0V or 3.3V
8
17
SCLK
SPI Clock Input: SPI communication protocol clock from MCU to the
device. Digital logic level: 5.0V or 3.3V
9
18
MISO
SPI Data Output: SPI communication protocol output to MCU from the
device. Digital logic level: 5.0V or 3.3V
10
19
EN_DR
Enable Driver:
11
20
VDDIO
IO Supply: To be connected to 5.0V or 3.3V
12
21
GNDD
Digital Ground: Ground for digital circuits
13
22
RESn
Reset: when HIGH, device out of reset, when LOW, device in reset state
14
23
IN_DIS2
Parallel Input Channel 2: Input for direct control from external MCU when
in SW Mode; Disable channel command when in SW mode
15
24
IN_DIS3
Parallel Input Channel 3: Input for direct control from external MCU when
in SW Mode; Disable channel command when in SW mode
16
25
VS_SOL2
Channel 2 Supply Voltage: Connect to Switched Battery Voltage with
reverse protection diode
17
26
LOAD_SOL2 Channel 2 Output
18
27
GND_SOL2 Channel 2 Ground: Ground connection for channel 2 power stage.
19
34
GND_SOL3 Channel 3 Ground: Ground connection for channel 3 power stage.
20
35
LOAD_SOL3 Channel 3 Output
21
36
VS_SOL3
Channel 3 Supply Voltage: Connect to Switched Battery Voltage with
reverse protection diode
22
37
FAULTn
Fault: when LOW, Fault present, when HIGH, no fault present
23
38
GNDA
Analog Ground: Ground for analog circuits
24
39
VDD
Supply Voltage: Supply for circuits. Connect to 5.0V supply voltage
25
40
FS_D0
Fail Safe Drain: to be connected to external FET Drain used as FS. VDS
monitor
26
41
FS_S0
Fail Safe Source: to be connected to external FET Source used as FS.
VDS monitor
27
42
FS_G0
Fail Safe Gate: Gate command for external FET Drain used as FS
28
43
VCP
Charge Pump Voltage: Connected to Protected Battery Voltage through
External Capacitor
29
44
VC2
Charge Pump: External Capacitor connection
30
45
VC4
Charge Pump: External Capacitor connection
31
46
VC3
Charge Pump: External Capacitor connection
L9305
Pins description
DS12774 - Rev 10
page 7/107



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com