Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L9347LF Datasheet(PDF) 14 Page - STMicroelectronics

Part # L9347LF
Description  Intelligent quad (2x5A/2x2.5A) low-side switch
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9347LF Datasheet(HTML) 14 Page - STMicroelectronics

Back Button L9347LF Datasheet HTML 10Page - STMicroelectronics L9347LF Datasheet HTML 11Page - STMicroelectronics L9347LF Datasheet HTML 12Page - STMicroelectronics L9347LF Datasheet HTML 13Page - STMicroelectronics L9347LF Datasheet HTML 14Page - STMicroelectronics L9347LF Datasheet HTML 15Page - STMicroelectronics L9347LF Datasheet HTML 16Page - STMicroelectronics L9347LF Datasheet HTML 17Page - STMicroelectronics L9347LF Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 29 page
background image
Functional Description
L9347
14/29
Figure 3.
Input PWM to output current range
The ON period of the input signal is measured with a 1MHz clock, synchronized with the
external 250kHz clock. For requested precision of the output current the ratio between the
frequencies of the input signal and the external 250kHz clock has to be fixed according to
the graph shown in Figure 3.
Figure 4.
Current accuracy according to the input and clock frequency ratio
The theoretical error is zero for fCLK / fIN = 125.
If the period of the input signal is longer than 132 times the period of the clock the regulator
is switched off. For a clock frequency lower than 100kHz the clock control will also disable
the regulator. For high precision applications the clock frequency and the input frequency
have to be correlated.
10
90
250
2250
INPUT PWM[%]
400
800
±10%
+- 6%
+-10%
-10%
5.6%
112.5
132
125
fCLK / fIN
0%
Regulator
switched off



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com