Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L9348 Datasheet(PDF) 1 Page - STMicroelectronics

Part # L9348
Description  QUAD LOW SIDE DRIVER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9348 Datasheet(HTML) 1 Page - STMicroelectronics

  L9348_V01 Datasheet HTML 1Page - STMicroelectronics L9348_V01 Datasheet HTML 2Page - STMicroelectronics L9348_V01 Datasheet HTML 3Page - STMicroelectronics L9348_V01 Datasheet HTML 4Page - STMicroelectronics L9348_V01 Datasheet HTML 5Page - STMicroelectronics L9348_V01 Datasheet HTML 6Page - STMicroelectronics L9348_V01 Datasheet HTML 7Page - STMicroelectronics L9348_V01 Datasheet HTML 8Page - STMicroelectronics L9348_V01 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
1/13
L9348
September 2013
■ SUPPLY VOLTAGE RANGE: 4.8 TO 18V
■ OUTPUT VOLTAGE UP TO 40V
■ OUTPUT VOLTAGE CLAMP DURING
RECIRCULATION OF INDUCTIVE LOADS
■ OUTPUT CURRENT CAPABILITY 2 X 5A AND
2 X 3A
■ LOW POWER DISSIPATION DURING
RECIRCULATION OF INDUCTIVE LOADS BY
INTEGRATED FREE WHEELING DIODES
(3A-DRIVERS ONLY)
■ LOW ON-RESISTANCE 2 X 0.2 , 2 X 0.35 (TYP.)
■ OUTPUT SHORT CIRCUIT CURRENT
PROTECTION
■ REAL TIME DIAGNOSTIC FUNCTIONS
■ OVERTEMPERATURE SHUTDOWN
■ SIGNAL- AND POWER-GROUND-LOSS
SHUTDOWN
■ 3.3V CMOS COMPATIBLE INPUTS AND
STATUS
DESCRIPTION
The L9348 is a monolithic integrated quad low side
driver realized in advanced Multipower-BCD technol-
ogy. It is intended to drive inductive loads (relays,
electromagnetic valves) in automotive and industrial
applications.
PowerSO-36
BARE DIE
ORDERING NUMBERS:
L9348
L9348-DIE1
QUAD LOW SIDE DRIVER
Figure 1. Block Diagram
VS
+
–
VREG
=
Voltage Regulator
V
CC
V
DD
V
S
V
REG
GL
TSD
SCP
OL
V
S
FAIL
≥1
C 166kHz
PWRES
CHANNEL1
EN
PWRES
V
DD
PWRES
C 166kHz
V
S
EN
IN1
ST1
IN2
ST2
ENA
GND
99AT0073
PGND2
Q2
PGND1
Q1
V
DD
EN
CHANNEL2
PWRES
C 166kHz
EN
V
REG
FB
GL
TSD
SCP
OL
V
S
FAIL
≥1
C 166kHz
PWRES
CHANNEL3
EN
IN3
ST3
PGND3
Q3
V
DD
EN
D3
IN4
ST4
CHANNEL4
PWRES
C 166kHz
EN
PGND4
Q4
D4
5A - DRIVER
3A - DRIVER


Similar Part No. - L9348_V01

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L9348-DIE1 STMICROELECTRONICS-L9348-DIE1 Datasheet
220Kb / 13P
QUAD LOW SIDE DRIVER
Mar-2002
More results

Similar Description - L9348_V01

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L9333 STMICROELECTRONICS-L9333 Datasheet
93Kb / 13P
QUAD LOW SIDE DRIVER
Jan-2000
L9338 STMICROELECTRONICS-L9338 Datasheet
57Kb / 8P
QUAD LOW SIDE DRIVER
Mar-2000
L9339 STMICROELECTRONICS-L9339 Datasheet
65Kb / 9P
QUAD LOW SIDE DRIVER
Dec-1999
L9341 STMICROELECTRONICS-L9341 Datasheet
130Kb / 10P
QUAD LOW SIDE DRIVER
Mar-1994
L9348 STMICROELECTRONICS-L9348 Datasheet
220Kb / 13P
QUAD LOW SIDE DRIVER
Mar-2002
L9362 STMICROELECTRONICS-L9362 Datasheet
174Kb / 17P
QUAD LOW SIDE DRIVER
May-2002
L93PI STMICROELECTRONICS-L93PI Datasheet
56Kb / 8P
QUAD LOW SIDE DRIVER
Mar-2000
L9333 STMICROELECTRONICS-L9333_01 Datasheet
260Kb / 13P
QUAD LOW SIDE DRIVER
Mar-2001
L9339 STMICROELECTRONICS-L9339_08 Datasheet
164Kb / 14P
Quad low side driver
24-Jun-2008
L9339-TR STMICROELECTRONICS-L9339-TR Datasheet
180Kb / 14P
Quad low side driver
20-Sep-2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com