Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L9348 Datasheet(PDF) 3 Page - STMicroelectronics

Part # L9348
Description  QUAD LOW SIDE DRIVER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9348 Datasheet(HTML) 3 Page - STMicroelectronics

  L9348 Datasheet HTML 1Page - STMicroelectronics L9348 Datasheet HTML 2Page - STMicroelectronics L9348 Datasheet HTML 3Page - STMicroelectronics L9348 Datasheet HTML 4Page - STMicroelectronics L9348 Datasheet HTML 5Page - STMicroelectronics L9348 Datasheet HTML 6Page - STMicroelectronics L9348 Datasheet HTML 7Page - STMicroelectronics L9348 Datasheet HTML 8Page - STMicroelectronics L9348 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
3/13
L9348
Table 2. Thermal Data
Table 3. Absolute Maximum Ratings
The absolute maximum ratings are the limiting values for this device. Damage may occur if this device is
subjected to conditions which are beyond these values.
Note: Human Body Model according to MIL883C. The device withstands ST1 class level.
Table 4. Operating Range.
Symbol
Parameter
Test Conditions
Values
Unit
Min.
Typ.
Max.
Tj
Junction temperature
-40
150
°C
Tjc
Junction temperature during
clamping (life time)
t = 30min
t = 15min
175
190
°C
°C
Tstg
Storage temperature
-55
150
°C
Rth j-case Thermal resistance junction to
case
2°C/W
Symbol
Parameter
Test Conditions
Value
Unit
Voltages
VS
Supply voltage range
-0.3 to 40
V
VQ, VD
max. static Output voltage
40
V
VIN, VEN
Input voltage range
(IN1 to IN4, EN)
|II | < 10mA
-1.5 to 6
V
VST
Status output voltage range
|II | < 1mA
-0.3 to 6
V
VDRmax
max. Reverse breakdown
voltage free wheeling diodes
D3, D4
IR = 100 A
55
V
Currents
IQ 1/2
Output current at reversal
supply for Q1, Q2
-4
A
IQ 3/4
Output current at reversal
supply for Q3, Q4
-2
A
IST
Status output current range
-1 to 1
mA
EQ1/2
max. Discharging energy for
inductive loads per channel
Q1, Q2
Tj = 25°C
50
mJ
Tj = 150°C
30
mJ
IFDmax
max. load current free
wheeling diodes
t < 5ms
3
A
ESD Protection
Supply and Signal pins
versus GND
2kV
Output pins (QX, DX)
versus common ground (=short of
SGND with all PGND)
4kV
Symbol
Parameter
Test Conditions
Values
Unit
Min.
Typ.
Max.
VS
Supply voltage
4.8
18
V
Tj
Junction temperature
-40
150
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com