Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L9352B Datasheet(PDF) 23 Page - STMicroelectronics

Part # L9352B
Description  Intelligent quad (2 x 5A / 2 x 2.5A) low-side switch
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9352B Datasheet(HTML) 23 Page - STMicroelectronics

Back Button L9352B_V01 Datasheet HTML 19Page - STMicroelectronics L9352B_V01 Datasheet HTML 20Page - STMicroelectronics L9352B_V01 Datasheet HTML 21Page - STMicroelectronics L9352B_V01 Datasheet HTML 22Page - STMicroelectronics L9352B_V01 Datasheet HTML 23Page - STMicroelectronics L9352B_V01 Datasheet HTML 24Page - STMicroelectronics L9352B_V01 Datasheet HTML 25Page - STMicroelectronics L9352B_V01 Datasheet HTML 26Page - STMicroelectronics L9352B_V01 Datasheet HTML 27Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 23 / 27 page
background image
L9352B
Timing diagrams
23/27
Figure 12.
Current overload
Figure 13.
Recirculation error
99AT0069
V
IN
V
Q
I
Q
V
ST
I
QO
Set fail
registor
Reset Fail
register
t
DREG
500
μs
t
sf
99AT0070
V
IN
V
Q
I
Q
V
ST
target current
Set Fail
register
Reset Fail
register
t
DREG
500
μs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com