Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L9758 Datasheet(PDF) 24 Page - STMicroelectronics

Part # L9758
Description  Automotive multiple supply for engine control
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9758 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button L9758 Datasheet HTML 20Page - STMicroelectronics L9758 Datasheet HTML 21Page - STMicroelectronics L9758 Datasheet HTML 22Page - STMicroelectronics L9758 Datasheet HTML 23Page - STMicroelectronics L9758 Datasheet HTML 24Page - STMicroelectronics L9758 Datasheet HTML 25Page - STMicroelectronics L9758 Datasheet HTML 26Page - STMicroelectronics L9758 Datasheet HTML 27Page - STMicroelectronics L9758 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 30 page
background image
Operating modes
L9758
24/30
DocID14273 Rev 5
6
Operating modes
There are two modes of operation of the power supply: standby and run mode. However
during RUN mode, there are three input voltage regions: low voltage, normal voltage and
high voltage. A brief definition and description of each of these operating regions is
described below.
6.1
Standby mode
STANDBY mode is defined by the following conditions:
VBAT is within the required voltage range
VBAT_SW may or may not be present
IGN is in the OFF state
PSU_EN is not asserted by the microprocessor
During standby mode, all functions are shutdown except the two standby supplies, VKAM
and VSTBY, and the circuitry monitoring IGN and PSU_EN. During standby mode, current
consumption is minimized. The standby functions are powered from VBAT.
There is no currents drawn from VBAT_SW or any other input except those required to
perform the standby functions. Outputs, other than IGN_ON are disabled, sourcing nor
sinking current.
6.2
Run mode
RUN mode is defined by the following conditions:
VBAT is within the required range
VBAT_SW is within the required range
Either IGN is in the Run state and/or PSU_EN is in the active state
During RUN mode, all functions can be enabled. All functions listed above, with the
exception of the standby functions, are powered by VBAT_SW.
If VBAT is not present, the circuit is fully running with the exception of PSU_EN and the
standby functions (VKAM and VSTBY). In this condition the entry into the RUN MODE can
only be performed by the IGN pin and the circuit is kept running until IGN pin is pulled low.
6.2.1
Entry into RUN mode
RUN mode is entered when at least one of the two signals IGN_SW or PSU_EN goes in the
active state. These two signals may be applied in any order or simultaneously.
When the IGN input is valid, the active low IGN_ON signal is asserted.
The design of VDD5, VDDL and VCORE regulators limits the slew rate of the output
voltages during the start-up as indicated in the electrical characteristic table and ensures
that VDD5 is always greater than VDDL and VCORE.
As indicated in Figure 4, the switching regulator starts first with soft start control or reduced
current limitation. When the VB voltage reaches the VDDL_ENUP threshold all the linear
regulators start with controlled slew-rate. The slew-rate control is done controlling the slew



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com