Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L99VR033QTR Datasheet(PDF) 20 Page - STMicroelectronics

Part # L99VR033QTR
Description  Automotive low dropout linear voltage regulator having 300 mA of current capability
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99VR033QTR Datasheet(HTML) 20 Page - STMicroelectronics

Back Button L99VR033QTR Datasheet HTML 16Page - STMicroelectronics L99VR033QTR Datasheet HTML 17Page - STMicroelectronics L99VR033QTR Datasheet HTML 18Page - STMicroelectronics L99VR033QTR Datasheet HTML 19Page - STMicroelectronics L99VR033QTR Datasheet HTML 20Page - STMicroelectronics L99VR033QTR Datasheet HTML 21Page - STMicroelectronics L99VR033QTR Datasheet HTML 22Page - STMicroelectronics L99VR033QTR Datasheet HTML 23Page - STMicroelectronics L99VR033QTR Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 28 page
background image
Table 10. VFDFN (3x2x0.9 mm 8L wettable flanks) package mechanical data
Symbol
Dimensions in mm
Min.
Typ.
Max.
A
0.80
0.90
1.00
A1
0.00
0.02
0.05
A2
0.100
-
-
A3
0.203 REF
L
0.25
0.35
0.45
b
0.15
0.20
0.25
D
-
3.00 BSC
-
E
-
2.00 BSC
-
D2
1.40
1.50
1.60
E2
1.20
1.30
1.40
e
0.5 REF
N
8
Tolerance of form and position
aaa
0.05
bbb
0.10
ccc
0.10
ddd
0.05
eee
0.08
fff
0.10
L99VR03
Package information
DS14803 - Rev 2
page 20/28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com