Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD54HC125F Datasheet(PDF) 2 Page - Texas Instruments

Part # CD54HC125F
Description  CDx4HC125 Quadruple Buffers with 3-State Outputs
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CD54HC125F Datasheet(HTML) 2 Page - Texas Instruments

  CD54HC125F Datasheet HTML 1Page - Texas Instruments CD54HC125F Datasheet HTML 2Page - Texas Instruments CD54HC125F Datasheet HTML 3Page - Texas Instruments CD54HC125F Datasheet HTML 4Page - Texas Instruments CD54HC125F Datasheet HTML 5Page - Texas Instruments CD54HC125F Datasheet HTML 6Page - Texas Instruments CD54HC125F Datasheet HTML 7Page - Texas Instruments CD54HC125F Datasheet HTML 8Page - Texas Instruments CD54HC125F Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
Table of Contents
1 Features............................................................................1
2 Applications..................................................................... 1
3 Description.......................................................................1
4 Revision History.............................................................. 2
5 Pin Configuration and Functions...................................3
Pin Functions.................................................................... 3
6 Specifications.................................................................. 4
6.1 Absolute Maximum Ratings........................................ 4
6.2 ESD Ratings............................................................... 4
6.3 Recommended Operating Conditions.........................4
6.4 Thermal Information....................................................5
6.5 Electrical Characteristics.............................................5
6.6 Switching Characteristics............................................6
6.7 Operating Characteristics........................................... 6
6.8 Typical Characteristics................................................ 6
7 Parameter Measurement Information............................ 7
8 Detailed Description........................................................8
8.1 Overview..................................................................... 8
8.2 Functional Block Diagram........................................... 8
8.3 Feature Description.....................................................8
8.4 Device Functional Modes............................................9
9 Application and Implementation.................................. 10
9.1 Application Information............................................. 10
9.2 Typical Application.................................................... 10
10 Power Supply Recommendations..............................12
11 Layout........................................................................... 12
11.1 Layout Guidelines................................................... 12
11.2 Layout Example...................................................... 12
12 Device and Documentation Support..........................13
12.1 Documentation Support.......................................... 13
12.2 Related Links.......................................................... 13
12.3 Support Resources................................................. 13
12.4 Trademarks.............................................................13
12.5 Electrostatic Discharge Caution..............................13
12.6 Glossary..................................................................13
13 Mechanical, Packaging, and Orderable
Information.................................................................... 13
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision C (August 2003) to Revision D (April 2021)
Page
• Updated the numbering format for tables, figures, and cross-references throughout the document..................1
• Updated to new data sheet standards................................................................................................................ 1
• Moved the HCT devices to a standalone data sheet (SCHS415) ......................................................................1
• RθJA increased for the D package from 86 to 133.6°C/W, and decreased for the N package from 86 to
62.7°C/W.............................................................................................................................................................5
CD74HC125, CD54HC125
SCHS143D – NOVEMBER 1997 – REVISED APRIL 2021
www.ti.com
2
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: CD74HC125 CD54HC125



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com