Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDCLVD1213 Datasheet(PDF) 12 Page - Texas Instruments

Part # CDCLVD1213
Description  CDCLVD1213 1:4 Low Additive Jitter LVDS Buffer With Divider
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CDCLVD1213 Datasheet(HTML) 12 Page - Texas Instruments

Back Button CDCLVD1213 Datasheet HTML 8Page - Texas Instruments CDCLVD1213 Datasheet HTML 9Page - Texas Instruments CDCLVD1213 Datasheet HTML 10Page - Texas Instruments CDCLVD1213 Datasheet HTML 11Page - Texas Instruments CDCLVD1213 Datasheet HTML 12Page - Texas Instruments CDCLVD1213 Datasheet HTML 13Page - Texas Instruments CDCLVD1213 Datasheet HTML 14Page - Texas Instruments CDCLVD1213 Datasheet HTML 15Page - Texas Instruments CDCLVD1213 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 25 page
background image
2.5 V
INP
INN
156.25 MHz LVDS
From Backplane
350
PHY
ASIC
V
T
DIV
2.5 V
1k
1k
FPGA
CPU
100
100
100
100
Copyright © 2016, Texas Instruments Incorporated
100
12
CDCLVD1213
SCAS897A – JULY 2010 – REVISED OCTOBER 2016
www.ti.com
Product Folder Links: CDCLVD1213
Submit Documentation Feedback
Copyright © 2010–2016, Texas Instruments Incorporated
9 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
9.1 Application Information
The CDCLVD1213 is a low additive jitter universal to LVDS fan-out buffer with an integrated frequency divider on
one output. The small package, low output skew, and low additive jitter make for a flexible device in demanding
applications.
9.2 Typical Application
Figure 15. Fan-Out Buffer for Line Card Application



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com