Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CSD87334Q3DT Datasheet(PDF) 7 Page - Texas Instruments

Part # CSD87334Q3DT
Description  CSD87334Q3D Synchronous Buck NexFET™ Power Block
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CSD87334Q3DT Datasheet(HTML) 7 Page - Texas Instruments

Back Button CSD87334Q3DT Datasheet HTML 3Page - Texas Instruments CSD87334Q3DT Datasheet HTML 4Page - Texas Instruments CSD87334Q3DT Datasheet HTML 5Page - Texas Instruments CSD87334Q3DT Datasheet HTML 6Page - Texas Instruments CSD87334Q3DT Datasheet HTML 7Page - Texas Instruments CSD87334Q3DT Datasheet HTML 8Page - Texas Instruments CSD87334Q3DT Datasheet HTML 9Page - Texas Instruments CSD87334Q3DT Datasheet HTML 10Page - Texas Instruments CSD87334Q3DT Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
TC - Case Temperature (°C)
-75
-50
-25
0
25
50
75
100
125
150
175
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
1.1
1.2
1.3
D014
VGS - Gate-to-Source Voltage (V)
0
1
2
3
4
5
6
7
8
9
10
0
2
4
6
8
10
12
14
16
D014
TC = 25°C, I D = 12 A
TC = 125°C, I D = 12 A
Qg - Gate Charge (nC)
0
2
4
6
8
10
12
0
1
2
3
4
5
6
7
8
D012
VDS - Drain-to-Source Voltage (V)
0
3
6
9
12
15
18
21
24
27
30
1
10
100
1000
5000
D013
Ciss = Cgd + Cgs
Coss = Cds + Cgd
Crss = Cgd
VDS - Drain-to-Source Voltage (V)
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
0
10
20
30
40
50
60
70
80
90
100
D010
VGS = 3.5 V
VGS = 4.5 V
VGS = 8.0 V
VGS - Gate-to-Source Voltage (V)
0
0.5
1
1.5
2
2.5
3
0.001
0.01
0.1
1
10
100
D011
TC = 125°C
TC = 25°C
TC = -55°C
7
CSD87334Q3D
www.ti.com
SLPS546A – JULY 2015 – REVISED MARCH 2017
Product Folder Links: CSD87334Q3D
Submit Documentation Feedback
Copyright © 2015–2017, Texas Instruments Incorporated
5.7 Typical Power Block MOSFET Characteristics
TA = 25°C, unless stated otherwise.
Figure 10. MOSFET Saturation Characteristics
VDS = 5 V
Figure 11. MOSFET Transfer Characteristics
ID = 12 A
VDS = 15 V
Figure 12. MOSFET Gate Charge
Figure 13. MOSFET Capacitance
ID = 250 µA
Figure 14. MOSFET VGS(th)
Figure 15. MOSFET RDS(on) vs VGS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com