Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CSD87588NT Datasheet(PDF) 2 Page - Texas Instruments

Part # CSD87588NT
Description  CSD87588N Synchronous Buck NexFET™ Power Block II
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CSD87588NT Datasheet(HTML) 2 Page - Texas Instruments

  CSD87588NT Datasheet HTML 1Page - Texas Instruments CSD87588NT Datasheet HTML 2Page - Texas Instruments CSD87588NT Datasheet HTML 3Page - Texas Instruments CSD87588NT Datasheet HTML 4Page - Texas Instruments CSD87588NT Datasheet HTML 5Page - Texas Instruments CSD87588NT Datasheet HTML 6Page - Texas Instruments CSD87588NT Datasheet HTML 7Page - Texas Instruments CSD87588NT Datasheet HTML 8Page - Texas Instruments CSD87588NT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
CSD87588N
SLPS384D – MARCH 2013 – REVISED APRIL 2015
www.ti.com
Table of Contents
1
Features .................................................................. 1
7
Layout ................................................................... 13
7.1
Layout Guidelines ................................................... 13
2
Applications ........................................................... 1
7.2
Layout Example ...................................................... 13
3
Description ............................................................. 1
8
Device and Documentation Support.................. 14
4
Revision History..................................................... 2
8.1
Trademarks ............................................................. 14
5
Specifications......................................................... 3
8.2
Electrostatic Discharge Caution .............................. 14
5.1
Absolute Maximum Ratings ...................................... 3
8.3
Glossary .................................................................. 14
5.2
Recommended Operating Conditions ....................... 3
9
Mechanical, Packaging, and Orderable
5.3
Thermal Information .................................................. 3
Information ........................................................... 15
5.4
Power Block Performance ........................................ 4
9.1
CSD87588N Package Dimensions ......................... 15
5.5
Electrical Characteristics........................................... 4
9.2
Land Pattern Recommendation .............................. 16
5.6
Typical Power Block Device Characteristics............. 5
9.3
Stencil Recommendation (100 µm)......................... 16
5.7
Typical Power Block MOSFET Characteristics......... 7
9.4
Stencil Recommendation (125 µm)......................... 17
6
Application and Implementation ........................ 10
9.5
Pin Drawing............................................................. 17
6.1
Application Information............................................ 10
9.6
CSD87588N Embossed Carrier Tape Dimensions. 18
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision C (June 2014) to Revision D
Page
•
Changed capacitance units to read pF in Figure 15 ............................................................................................................. 8
•
Changed capacitance units to read pF in Figure 16 ............................................................................................................. 8
Changes from Revision B (January 2014) to Revision C
Page
•
Changed "Pb-Free Terminal Plating" feature to state "Pb Free" ........................................................................................... 1
Changes from Revision A (May 2013) to Revision B
Page
•
Added small reel info .............................................................................................................................................................. 1
•
Updated Figure 5 .................................................................................................................................................................... 5
•
Updated Figure 6 .................................................................................................................................................................... 5
•
Updated Figure 7 .................................................................................................................................................................... 5
•
Updated Figure 8 .................................................................................................................................................................... 5
•
Changed figure reference to Figure 29 in electrical performance ........................................................................................ 13
Changes from Original (March 2013) to Revision A
Page
•
Changed RθJC-PCBTo: RθJC in the Thermal Information table................................................................................................... 3
2
Submit Documentation Feedback
Copyright © 2013–2015, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com