Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC8541Y/2K.B Datasheet(PDF) 13 Page - Texas Instruments

Part # DAC8541Y/2K.B
Description  16-BIT, SINGLE CHANNEL, PARALLEL INPUT DIGITAL-TO-ANALOG CONVERTER WITH RAIL-TO-RAIL VOLTAGE OUTPUT
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC8541Y/2K.B Datasheet(HTML) 13 Page - Texas Instruments

Back Button DAC8541Y/2K.B Datasheet HTML 9Page - Texas Instruments DAC8541Y/2K.B Datasheet HTML 10Page - Texas Instruments DAC8541Y/2K.B Datasheet HTML 11Page - Texas Instruments DAC8541Y/2K.B Datasheet HTML 12Page - Texas Instruments DAC8541Y/2K.B Datasheet HTML 13Page - Texas Instruments DAC8541Y/2K.B Datasheet HTML 14Page - Texas Instruments DAC8541Y/2K.B Datasheet HTML 15Page - Texas Instruments DAC8541Y/2K.B Datasheet HTML 16Page - Texas Instruments DAC8541Y/2K.B Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
DAC8541
SLAS353 − DECEMBER 2001
13
www.ti.com
THEORY OF OPERATION
D/A section
The architecture of the DAC8541 consists of a string DAC followed by an output buffer amplifier. Figure 29
shows a generalized block diagram of the DAC architecture.
REF+
Resistor
String
REF−
VREFL = AGND
DAC Register
VOUT
VOUTSense
VREFH = External Reference Voltage
−
+
Figure 29. Generalized DAC Architecture
The input coding to the DAC8541 is set by the BTC/USB input to the device. When this input is high, the input
code is binary 2s complement. If the input is low, the format is unipolar straight binary, in which case the ideal
output voltage is given by:
V
OUT +
V
REF
H
D
65536
Where D = the decimal equivalent of the binary code that is loaded to the DAC register, which can range from
0 to 65535 and VREFL = AGND.
RDIVIDE
R
R
R
R
To Output Amplifier
(2x Gain)
VREFH
VREFL
VREFH
2
Figure 30. Typical Resistor String



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com