Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC904E/2K5 Datasheet(PDF) 2 Page - Texas Instruments

Part # DAC904E/2K5
Description  14-Bit, 165MSPS DIGITAL-TO-ANALOG CONVERTER
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC904E/2K5 Datasheet(HTML) 2 Page - Texas Instruments

  DAC904E/2K5 Datasheet HTML 1Page - Texas Instruments DAC904E/2K5 Datasheet HTML 2Page - Texas Instruments DAC904E/2K5 Datasheet HTML 3Page - Texas Instruments DAC904E/2K5 Datasheet HTML 4Page - Texas Instruments DAC904E/2K5 Datasheet HTML 5Page - Texas Instruments DAC904E/2K5 Datasheet HTML 6Page - Texas Instruments DAC904E/2K5 Datasheet HTML 7Page - Texas Instruments DAC904E/2K5 Datasheet HTML 8Page - Texas Instruments DAC904E/2K5 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
DAC904
2
SBAS095C
www.ti.com
ELECTRICAL CHARACTERISTICS
At T
A = full specified temperature range, +VA = +5V, +VD = +5V, differential transformer coupled output, 50Ω doubly terminated, unless otherwise specified.
DAC904U, E
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
RESOLUTION
14
Bits
OUTPUT UPDATE RATE
2.7V to 3.3V
125
165
MSPS
Output Update Rate (fCLOCK)
4.5V to 5.5V
165
200
MSPS
Full Specified Temperature Range, Operating
Ambient, TA
–40
+85
°C
STATIC ACCURACY(1)
TA = +25°C
Differential Nonlinearity (DNL)
fCLOCK = 25MSPS, fOUT = 1.0MHz
±2.5
LSB
Integral Nonlinearity (INL)
±3.0
LSB
DYNAMIC PERFORMANCE
TA = +25°C
Spurious-Free Dynamic Range (SFDR)
To Nyquist
fOUT = 1.0MHz, fCLOCK = 25MSPS
72
79
dBc
fOUT = 2.1MHz, fCLOCK = 50MSPS
76
dBc
fOUT = 5.04MHz, fCLOCK = 50MSPS
68
dBc
fOUT = 5.04MHz, fCLOCK = 100MSPS
68
dBc
fOUT = 20.2MHz, fCLOCK = 100MSPS
64
dBc
fOUT = 25.3MHz, fCLOCK = 125MSPS
60
dBc
fOUT = 41.5MHz, fCLOCK = 125MSPS
55
dBc
fOUT = 27.4MHz, fCLOCK = 165MSPS
60
dBc
fOUT = 54.8MHz, fCLOCK = 165MSPS
55
dBc
Spurious-Free Dynamic Range within a Window
fOUT = 5.04MHz, fCLOCK = 50MSPS
2MHz Span
82
dBc
fOUT = 5.04MHz, fCLOCK = 100MSPS
4MHz Span
82
dBc
Total Harmonic Distortion (THD)
fOUT = 2.1MHz, fCLOCK = 50MSPS
–75
dBc
fOUT = 2.1MHz, fCLOCK = 125MSPS
–74
dBc
Two Tone
fOUT1 = 13.5MHz, fOUT2 = 14.5MHz, fCLOCK = 100MSPS
63
dBc
ELECTROSTATIC
DISCHARGE SENSITIVITY
This integrated circuit can be damaged by ESD. Texas Instru-
ments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling
and installation procedures can cause damage.
ESD damage can range from subtle performance degradation
to complete device failure. Precision integrated circuits may be
more susceptible to damage because very small parametric
changes could cause the device not to meet its published
specifications.
DEMO BOARD
PRODUCT
ORDERING NUMBER
COMMENT
DAC904U
DEM-DAC90xU
Populated evaluation board without DAC. Order sample of desired DAC90x model separately.
DAC904E
DEM-DAC904E
Populated evaluation board including the DAC904E.
DEMO BOARD ORDERING INFORMATION
ABSOLUTE MAXIMUM RATINGS
+VA to AGND ......................................................................... –0.3V to +6V
+VD to DGND ........................................................................ –0.3V to +6V
AGND to DGND ................................................................. –0.3V to +0.3V
+VA to +VD ............................................................................... –6V to +6V
CLK, PD to DGND ....................................................... –0.3V to VD + 0.3V
D0-D13 to DGND ......................................................... –0.3V to VD + 0.3V
IOUT, IOUT to AGND .......................................................... –1V to VA + 0.3V
BW, BYP to AGND ....................................................... –0.3V to VA + 0.3V
REFIN, FSA to AGND ................................................... –0.3V to VA + 0.3V
INT/EXT to AGND ........................................................ –0.3V to VA + 0.3V
Junction Temperature .................................................................... +150
°C
Case Temperature ......................................................................... +100
°C
Storage Temperature ..................................................................... +125
°C
SPECIFIED
PACKAGE
TEMPERATURE
PACKAGE
ORDERING
TRANSPORT
PRODUCT
PACKAGE-LEAD
DESIGNATOR(1)
RANGE
MARKING
NUMBER
MEDIA, QUANTITY
DAC904U
SO-28
DW
–40
°C to +85°C
DAC904U
DAC904U
Rails, 28
"
"""
"
DAC904U/1K
Tape and Reel, 1000
DAC904E
TSSOP-28
PW
–40
°C to +85°C
DAC904E
DAC904E
Rails, 52
"
"""
"
DAC904E/2K5
Tape and Reel, 2500
NOTE: (1) For the most current specifications and package information, refer to our web site at www.ti.com.
PACKAGE/ORDERING INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com