Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L9826 Datasheet(PDF) 13 Page - STMicroelectronics

Part # L9826
Description  Octal protected low-side driver with diagnostic and serial/parallel input control
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9826 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button L9826 Datasheet HTML 9Page - STMicroelectronics L9826 Datasheet HTML 10Page - STMicroelectronics L9826 Datasheet HTML 11Page - STMicroelectronics L9826 Datasheet HTML 12Page - STMicroelectronics L9826 Datasheet HTML 13Page - STMicroelectronics L9826 Datasheet HTML 14Page - STMicroelectronics L9826 Datasheet HTML 15Page - STMicroelectronics L9826 Datasheet HTML 16Page - STMicroelectronics L9826 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
L9826
Functional description
Doc ID 7214 Rev 10
13/19
5.2.2
Via 8-bit SPI for all the outputs
Control data are transmitted to SDI through a microcontroller in configuration master. The
device is selected when NCS signal is low. The 8-bit command data are transmitted into
L9826 shift registers every CLK falling edge (see Figure 6 for SPI signals timing).
The NCS rising edge latches the new data from the shift register to the driver and the output
are driven following the commands just sent.
The digital filter between NCS and the output latch ensures that the data are transferred
only after 8 CLK cycles or multiple of 8 CLK cycles since the last NCS falling edge.
The NCS changes only at low CLK.
Figure 5 shows the control register structure and in the detail its control-bit, while in the
Table 7 are summarized the controls outputs via SPI or dedicated input pins (NON1 and
NON2).
Figure 5.
Output control register structure
Figure 6.
Timing of the serial interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com