Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L9908 Datasheet(PDF) 73 Page - STMicroelectronics

Part # L9908
Description  Automotive 3-Phase motor gate driver unit
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9908 Datasheet(HTML) 73 Page - STMicroelectronics

Back Button L9908_V01 Datasheet HTML 69Page - STMicroelectronics L9908_V01 Datasheet HTML 70Page - STMicroelectronics L9908_V01 Datasheet HTML 71Page - STMicroelectronics L9908_V01 Datasheet HTML 72Page - STMicroelectronics L9908_V01 Datasheet HTML 73Page - STMicroelectronics L9908_V01 Datasheet HTML 74Page - STMicroelectronics L9908_V01 Datasheet HTML 75Page - STMicroelectronics L9908_V01 Datasheet HTML 76Page - STMicroelectronics L9908_V01 Datasheet HTML 77Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 152 page
background image
Table 70. Current Monitor Input characteristics
Symbol
Parameter
Test Condition
Min
Typ
Max
Unit
Notes
Current Monitor Input
CM_in_range_diff
CM
differential
voltage input
range
CSMn_IN_RANGE_CFG = 000
CSMn_IN_RANGE_CFG = 001
CSMn_IN_RANGE_CFG = 010
CSMn_IN_RANGE_CFG = 011
CSMn_IN_RANGE_CFG = 100
CSMn_IN_RANGE_CFG = 101
-7
-18
-36
-90
-160
-300
-
7
18
36
90
160
300
mV
Application
information(1)
(2)
CM_in_range_cm
CM common
mode
voltage input
range
-
-2
-
2
V
Application
information(2)
CM_in_ic1
CM input
current
ISn+ = ISn- = -2 V
-210
-25
-0.23
mA
-
CM_in_ic2
CM input
current
ISn+ = ISn- = +2 V
-310
-270
-230
uA
-
CM_in_cm_res1
CM input
common
mode
resistance
ISn+ = ISn- = -2 V
9.5
-
-
Ω
Application
Information
CM_in_cm_res2
CM input
common
mode
resistance
ISn+ = ISn- = +2 V
6.5
-
-
kΩ
Application
Information
CM_in_dm_res
CM input
differential
mode
resistance
CSMn_IN_RANGE_CFG = 000
CSMn_IN_RANGE_CFG = 001
CSMn_IN_RANGE_CFG = 010
CSMn_IN_RANGE_CFG = 011
CSMn_IN_RANGE_CFG = 100
CSMn_IN_RANGE_CFG = 101
-
0.283
0.566
1.132
2.831
5.096
9.06
-
kΩ
Application
Information
Current Monitor Input Resolution
CM_in_resolution
CM input
ADC
resolution
-
-
11
-
bits
Application
Information
CM_in_lsb
CM input
ADC LSB
CSMn_IN_RANGE_CFG = 000
CSMn_IN_RANGE_CFG = 001
CSMn_IN_RANGE_CFG = 010
CSMn_IN_RANGE_CFG = 011
CSMn_IN_RANGE_CFG = 100
CSMn_IN_RANGE_CFG = 101
-
10.05
20.11
40.28
100.7
181.27
322.26
-
μV
Application
information
Current Monitor Input Accuracy
CM_in_gain_err
CM ADC
Gain Error
-
-2
-
2
%
All input
ranges(3)(4)
CM_in_offset_err
CM ADC
Input
Referred
Offset Error
CSMn_IN_RANGE_CFG = 000
CSMn_IN_RANGE_CFG = 001
CSMn_IN_RANGE_CFG = 010
CSMn_IN_RANGE_CFG = 011
CSMn_IN_RANGE_CFG = 100
-2
-2
-2
-2
-3
-
2
2
2
2
3
mV
(4)
L9908
Functional description
DS13546 - Rev 5
page 73/152



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com