Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L9912L Datasheet(PDF) 40 Page - STMicroelectronics

Part # L9912L
Description  Automotive vehicle conform car alternator regulator IC with LIN
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9912L Datasheet(HTML) 40 Page - STMicroelectronics

Back Button L9912L Datasheet HTML 36Page - STMicroelectronics L9912L Datasheet HTML 37Page - STMicroelectronics L9912L Datasheet HTML 38Page - STMicroelectronics L9912L Datasheet HTML 39Page - STMicroelectronics L9912L Datasheet HTML 40Page - STMicroelectronics L9912L Datasheet HTML 41Page - STMicroelectronics L9912L Datasheet HTML 42Page - STMicroelectronics L9912L Datasheet HTML 43Page - STMicroelectronics L9912L Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 84 page
background image
Electrical specifications
L9912L
40/84
DocID029641 Rev 2
Note:
If GHS, GLH and LHC pins are not used they must be connected to GND: in this case the
system recognizes that the lamp is connected to L pin and not to LHC pin.
8VLHCLS1
Low side drain
voltage with
respect to GND,
threshold 1
Reg(0x09.0) = b1
1.8
2.0
2.2
V
9VLHCLS2
Low side drain
voltage with
respect to GND,
threshold 2
Reg(0x09.0) = b0
1.35
1.5
1.65
V
10
VLHCHS1
High side drain
voltage with
respect to LHC,
threshold 1
Reg(0x09.1) = b1
0.85
1.0
1.2
V
11
VLHCHS2
High side drain
voltage with
respect to LHC,
threshold 2
Reg(0x09.1) = b0
1.35
1.5
1.65
V
12
VGLSTh
Low side gate
voltage respect to
GND threshold
-4.5
5.0
5.5
V
13
VGHSTh
High side gate
voltage respect to
LHC threshold
-4.5
5.0
5.5
V
Table 25. Electrical characteristics pin "LHC" (continued)
#
Symbol
Parameter
Test Condition
Min.
Typ.
Max. Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com