Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CLP270M-TR Datasheet(PDF) 22 Page - STMicroelectronics

Part # CLP270M-TR
Description  OVERVOLTAGE AND OVERCURRENT PROTECTION FOR TELECOM LINE
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

CLP270M-TR Datasheet(HTML) 22 Page - STMicroelectronics

Back Button CLP270M-TR Datasheet HTML 16Page - STMicroelectronics CLP270M-TR Datasheet HTML 17Page - STMicroelectronics CLP270M-TR Datasheet HTML 18Page - STMicroelectronics CLP270M-TR Datasheet HTML 19Page - STMicroelectronics CLP270M-TR Datasheet HTML 20Page - STMicroelectronics CLP270M-TR Datasheet HTML 21Page - STMicroelectronics CLP270M-TR Datasheet HTML 22Page - STMicroelectronics CLP270M-TR Datasheet HTML 23Page - STMicroelectronics CLP270M-TR Datasheet HTML 24Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 22 / 24 page
background image
CLP270M
22/24
PowerSo-10 package mounted on
Rth (j-a)
P Diss (*)
1.FR4 using the recommended pad-layout
50 °C/W
1.5 W
2.FR4 with heatsink on board (6cm
2)
35 °C/W
2.0 W
3.FR4 with copper-filled through holes and external heatsink applied
12 °C/W
5.8 W
4. IMS floating in air (40 cm
2)
8 °C/W
8.8 W
5. IMS with external heatsink applied
3.5 °C/W
20 W
(*) Based on a delta T of 70 °C junction to air.
TABLE 7 : THERMAL IMPEDANCE VERSUS SUBSTRATE
A new technology available today is IMS - an
Insulated Metallic Substrate. This offers greatly
enhanced thermal characteristics for surface
mount components. IMS is a substrate consisting
of three different layers, (I) the base material which
is available as an aluminium or a copper plate, (II)
a thermal conductive dielectrical layer and (III) a
copper foil, which can be etched as a circuit layer.
Using this material a thermal resistance of 8°C/W
with 40 cm
2 of board floating in air is achievable
(see fig. 39). If even higher power is to be
dissipated an external heatsink could be applied
which leads to an Rth(j-a) of 3.5°C/W (see Fig. 40),
assuming that Rth (heatsink-air) is equal to Rth
(junction-heatsink). This is commonly applied in
practice,
leading
to
reasonable
heatsink
dimensions. Often power devices are defined by
considering the maximum junction temperature of
the device. In practice , however, this is far from
being exploited. A summary of various power
management capabilities is made in table 1 based
on a reasonable delta T of 70°C junction to air.
Fig 39 : Mounting on metal backed board
Fig 40 : Mounting on metal backed board with an
external heatsink applied
FR4 board
Copper foil
Aluminium
heatsink
Copper foil
Insulation
Aluminium
The PowerSO-10 concept also represents an
attractive
alternative
to
C.O.B.
techniques.
PowerSO-10 offers devices fully tested at low and
high temperature. Mounting is simple - only
conventional SMT is required - enabling the users
to get rid of bond wire problems and the problem to
control the high temperature soft soldering as well.
An optimized thermal management is guaranteed
through PowerSO-10 as the power chips must in
any case be mounted on heat spreaders before
being mounted onto the substrate.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com