Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L9911K Datasheet(PDF) 7 Page - STMicroelectronics

Part # L9911K
Description  Car alternator multifunction smart voltage regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9911K Datasheet(HTML) 7 Page - STMicroelectronics

Back Button L9911K Datasheet HTML 3Page - STMicroelectronics L9911K Datasheet HTML 4Page - STMicroelectronics L9911K Datasheet HTML 5Page - STMicroelectronics L9911K Datasheet HTML 6Page - STMicroelectronics L9911K Datasheet HTML 7Page - STMicroelectronics L9911K Datasheet HTML 8Page - STMicroelectronics L9911K Datasheet HTML 9Page - STMicroelectronics L9911K Datasheet HTML 10Page - STMicroelectronics L9911K Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
DocID10990 Rev 13
7/20
L9911
Electrical specification
19
3
Electrical specification
3.1
Absolute maximum ratings
Tj = -40 to 150 °C, unless otherwise specified.
3.2
Thermal data
3.3
Electrical characteristics
Tj = -40 °C to 150 °C; unless otherwise specified.
Table 3. Absolute maximum ratings
Symbol
Parameter
Value
Unit
VS
DC supply voltage (2 min. @ 25 °C)
24
V
-
Transient supply voltage (load dump) [see Figure 8]
t < 500 ms
40
V
-
Transient supply voltage (low energy spikes)
(see Figure 8) ISO7637-1 pulse 1,2,3 /ISO7637-3
60
V
Tj
Junction temperature range
-40 to 150
°C
Tstg, Tcase Storage and case temperature range
-40 to 150
°C
Ptot
Total power dissipation (@ Tcase  150°C, Ifield  5A)
4
W
-
Reverse battery voltage (see Figure 8) @ 25°C,
T = 15 sec.
-2.5
V
-
Normal working condition reverse voltage (P vs. GND)
-1.5
V
-
DC pin current on F+, B+, GND (bonding limitation)
15
A
-
ESD voltage MILSTD883C (All pins vs.GND)
±4
KV
Table 4. Thermal data
Symbol
Parameter
Value
Unit
Rth j-case Thermal resistance junction-to-case
≤
1.5
°C/W
Table 5. Electrical characteristics
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
Vbat
Operating supply voltage
-
7
-
18
V
Ib-sinked
Supply battery current
-
-
-
25
mA
Ib-stby
Standby current
B+ = 12.5 V, F+ = 0 V
-
-
500
μA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com