Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L9924TR Datasheet(PDF) 34 Page - STMicroelectronics

Part # L9924TR
Description  Automotive vehicle conform truck car alternator regulator IC
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9924TR Datasheet(HTML) 34 Page - STMicroelectronics

Back Button L9924TR Datasheet HTML 30Page - STMicroelectronics L9924TR Datasheet HTML 31Page - STMicroelectronics L9924TR Datasheet HTML 32Page - STMicroelectronics L9924TR Datasheet HTML 33Page - STMicroelectronics L9924TR Datasheet HTML 34Page - STMicroelectronics L9924TR Datasheet HTML 35Page - STMicroelectronics L9924TR Datasheet HTML 36Page - STMicroelectronics L9924TR Datasheet HTML 37Page - STMicroelectronics L9924TR Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 85 page
background image
Electrical specifications
L9924
34/85
DocID029638 Rev 2
Figure 13. Lamp driver overcurrent protection function
The minimum Tretry can be calculated in the following way:
The high side driver is switched off if the current overcomes the ILOVCHS for tLfilterHS time
and bit 3 of SPI read register 0x12 is set [13.4.6].
Low-side and the high-side have independent commands through bits 4 and 5 of SPI write
register 0x09 [13.4.17]. High-side has a protection in case its turn-on occurs with a V(L)
voltage exceeding V(A+/B+) by VLrevHS. In this case the high-side is internally forced into
off-state (high-side recirculation is not possible).
The L pin can be used for the RVC protocol (RVC drive mode) if the suitable configuration
has been selected setting bit 6 of SPI write register 0x09 [13.4.17] to change the gate
control in alarm condition for the low side MOS connected to the pin (drain voltage
regulation at VLRVC, fault.
To reduce, in lamp drive mode, the power dissipation in the lamp driver while it is on, the
following strategy is implemented: after key-on, as soon as the L pin voltage overcomes
VLHTh, after tfilt time it is brought to VLsat voltage (between its drain and source), then the
key status is verified every twait time intervals within a tchk,to time window.
During this window, if the key is switched on the L voltage reaches the VLkey_chk value and
immediately returns to the VLsat value before the window expiration whereas, if the key is no
longer active, the L voltage cannot increase and remains to VLsat voltage level.
Note:
If a bulb is connected on the L pin, the in-rush phase can generate an over-current fault
leading to the impossibility of bulb turn-on. In this case the software must use a "lamp soft
switch-on procedure", see below example Figure 14.
Tretry
ILlimLS TLoc VA+/B+


Pretry
--------------------------------------------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com