Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L9959 Datasheet(PDF) 26 Page - STMicroelectronics

Part # L9959
Description  Single and dual PMOS high-side H-bridge
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9959 Datasheet(HTML) 26 Page - STMicroelectronics

Back Button L9959_V01 Datasheet HTML 22Page - STMicroelectronics L9959_V01 Datasheet HTML 23Page - STMicroelectronics L9959_V01 Datasheet HTML 24Page - STMicroelectronics L9959_V01 Datasheet HTML 25Page - STMicroelectronics L9959_V01 Datasheet HTML 26Page - STMicroelectronics L9959_V01 Datasheet HTML 27Page - STMicroelectronics L9959_V01 Datasheet HTML 28Page - STMicroelectronics L9959_V01 Datasheet HTML 29Page - STMicroelectronics L9959_V01 Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 49 page
background image
Application information
L9959
26/49
DocID027540 Rev 3
to force a transition LOW/HIGH/LOW on DIS pin or a transition HIGH/LOW/HIGH on /ABE
pin.
The errors in the diagnosis register 1 (DIA_REG1) are transferred to the diagnosis register 2
by setting the bit DIACLR1 in the status and configuration register (STATCON_REG) or by
using the enabling -disabling sequence on /ABE or DIS. This will also clear the diagnosis
register 1.
4.2.1
Current feedback
A feedback current signal is provided at pin CF (Current Feedback). This current is
proportional to the current in the H-Bridge, but does not change its direction. It is measured
in the low-side transistor, which is not switched by PWM. This is determined by the input
DIR or the SDIR register respectively. Therefore, the direction of the current can be seen
from this direction signal.
One current sense monitoring circuit is present and it is connected to the output of the active
LS driver (DIR change mode).
After the DIR transition, the LSx reference output is switched only in the phase in which both
LS drivers are active for recirculation.
In the time-frame between HS turn-off and the start of active freewheeling, (including dead
time and passive freewheeling), the current sense monitors the current flowing in the
previous active LS driver.
This time-frame is not fixed but adaptative to real operative conditions (battery and selected
slew rate mode).
In Table 14: Current feedback (CF) the CF behavior over an external resistor of 5.1k Ohm is
specified. The current out of CF consists of a static offset current and a current proportional
to the current in the select low-side transistor. The voltage at pin CF scales with the resistor
at this pin.
Figure 15. Current feedback and current limiting
Figure 15 Current Feedback and Current Limiting shows the current feedback in case the
OUT1 is controlled by PWM (DIR = 0). In this case, the current is measured through low-
side 2. If the direction is inverted, the current is measured through low-side 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com