| Electronic Components Datasheet Search |
|
L9965P-FN Datasheet(PDF) 69 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L9965P-FN Datasheet(HTML) 69 Page - STMicroelectronics |
|
69 / 104 page ![]() Table 51. CRC - 0x07 Field name Type Bit offset Bit width Reset value Reset sources Description UNUSED RO 6 4 0x0 nPOR_MAIN NVM_CRC_FAIL_MSK RW 5 1 0x0 nPOR_MAIN 0 = Deployment inhibition and FAULTN assertion in case of NVM fail 1 = No deployment inhibition and FAULTN assertion in case of NVM fail NVM_CRC_CFG_FAIL CR 4 1 0x0 nPOR_MAIN 0 = No fail in CRC check of configuration sectors 1 = Fail in CRC check of configuration sectors NVM_CRC_TRIM_CAL_FAIL CR 3 1 0x0 nPOR_MAIN 0 = No fail in CRC check of trimming sectors 1 = Fail in CRC check of trimming sectors CYC_CFG_CRC_FAIL CR 2 1 0x0 nPOR_MAIN 0 = No fail in cyclic CRC check of config sectors 1 = Fail in cyclic CRC check of config sectors CYC_TRIM_CAL_CRC_FAIL CR 1 1 0x0 nPOR_MAIN 0 = No fail in cyclic CRC check of trimming sectors 1 = Fail in cyclic CRC check of trimming sectors CYC_CRC_DIS RW 0 1 0x0 nPOR_MAIN 0 = Cyclic CRC check (both trim and cfg) enabled 1 = Cyclic CRC check (both trim and cfg) disabled Table 52. DEPLOY_STATUS - 0x08 Field name Type Bit offset Bit width Reset value Reset sources Description FIRE_INHIBIT CR 9 1 0x0 nPOR_MAIN 0 = Fire inhibit signal not set 1 = Fire inhibit signal set DEPLOY_CNT RO 6 3 0x0 nPOR_SLEEP Number of performed deployments FIRE_RUNNING RO 5 1 0x0 nPOR_MAIN 0 = Deployment not ongoing 1 = Deployment ongoing FIRE_GOOD CR 4 1 0x0 nPOR_SLEEP 0 = Fire sequence not successful 1 = Fire sequence successful FIRE_END_BY_FAULT CR 3 1 0x0 nPOR_SLEEP 0 =Fire sequence not ended 1 = Fire sequence ended by fault FIRE_END CR 2 1 0x0 nPOR_SLEEP 0 = Fire sequence not ended 1 = Fire sequence ended FENL_ARM CR 1 1 0x0 nPOR_MAIN 0 = FENL ARM condition not detected 1 = FENL ARM condition detected FENH_ARM CR 0 1 0x0 nPOR_MAIN 0 = FENH ARM condition not detected 1 = FENH ARM condition detected L9965P Functional description DS14702 - Rev 4 page 69/104 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |