Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L9969X Datasheet(PDF) 58 Page - STMicroelectronics

Part # L9969X
Description  Automotive chip for single and dual H-bridge
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9969X Datasheet(HTML) 58 Page - STMicroelectronics

Back Button L9969X Datasheet HTML 54Page - STMicroelectronics L9969X Datasheet HTML 55Page - STMicroelectronics L9969X Datasheet HTML 56Page - STMicroelectronics L9969X Datasheet HTML 57Page - STMicroelectronics L9969X Datasheet HTML 58Page - STMicroelectronics L9969X Datasheet HTML 59Page - STMicroelectronics L9969X Datasheet HTML 60Page - STMicroelectronics L9969X Datasheet HTML 61Page - STMicroelectronics L9969X Datasheet HTML 62Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 70 page
background image
5.1
Bill Of Materials
Table 45. Bill Of Materials
Component Min Typ Max Unit
Requirement
Comment
CVBP1
-
100
-
μF
-
50 V
CVBP2
-
1
-
μF
To be mounted close to pin -
CVDD1
-
10
-
μF
-
50 V
CVDD2
-
100
-
nF
To be mounted close to pin -
COUT1
10
-
33
nF
To be mounted close to pin
Values as big as possible (max 33 nF) are recommended if
Open Load in OFF detection is disturbed
COUT2
10
-
33
nF
To be mounted close to pin
Values as big as possible (max 33 nF) are recommended if
Open Load in OFF detection is disturbed
RCF
-
5.1
-
kΩ
-
-
Rpu_ABE
-
1
30
kΩ
-
-
D1
-
-
-
-
STPS5L60S
-
D2
-
-
-
-
SMA6T33AY
Clamp max: 35 V
L9969x
Application circuit
DS14029 - Rev 6
page 58/70



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com