Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

07R4513 Datasheet(PDF) 4 Page - Elma Electronic Ltd

Part # 07R4513
Description  SELECTOR SWITCH 07R
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELMA [Elma Electronic Ltd]
Direct Link  https://www.elma.com/en
Logo ELMA - Elma Electronic Ltd

07R4513 Datasheet(HTML) 4 Page - Elma Electronic Ltd

  07R4513 Datasheet HTML 1Page - Elma Electronic Ltd 07R4513 Datasheet HTML 2Page - Elma Electronic Ltd 07R4513 Datasheet HTML 3Page - Elma Electronic Ltd 07R4513 Datasheet HTML 4Page - Elma Electronic Ltd 07R4513 Datasheet HTML 5Page - Elma Electronic Ltd 07R4513 Datasheet HTML 6Page - Elma Electronic Ltd 07R4513 Datasheet HTML 7Page - Elma Electronic Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
www.elma.com
06|20
4|7
07R
_
_
_
_
–
_
_
_
_
_
PIN
8 4 2 1
0
1
2
3
4
SELECTOR SWITCH
07R
DATASHEET
Output signal
PIN TO POSITION DIAGRAM
Ordering information
ORDERING CODE
0 Horizontal | screwdriver without bezel
1 Horizontal | with shaft
2 Vertical
| screwdriver without bezel
3 Vertical
| with shaft
4 Horizontal | screwdriver with bezel
5 Vertical
| screwdriver with bezel
000 Basic style: 12.8 mm
Threaded bushing: 11.5 mm
xxx1 Customized
(shaft length rounded to next 0.5 mm,
e.g. 10.3 mm = 10.5 mm or 10 mm)
1
Customized shaft length (AL)
AL measured from mounting face (see picture below)
Max. shaft length (AL):
Bushing basic style = 30 mm
Bushing threaded = 26 mm
TYPE
SHAFT LENGTH (AL)
2 2 positions (1 - 2)
3 3 positions (1 - 3)
4 4 positions (1 - 4)
5 5 positions (0 - 4, 0 has no connection)
NUMBER OF POSITIONS AND CONTACTS
00 None
20 Threaded (nut supplied)
30 Threaded | IP68 (nut supplied)
BUSHING | IP-SEALING
- 2.2 Ncm | tray (50 / 200 pieces)
V 2.2 Ncm | antistatic tray (100 pieces)
T 3.5 Ncm | tray (50 / 200 pieces)
S 3.5 Ncm | antistatic tray (100 pieces)
SWITCHING TORQUE | PACKAGING
1 5 positions (factory set for 5 positions)
2 1 to 4 positions (factory set for 2, 3 and 4 positions)
1 TO 4 | 5 POSITIONS
3 Shorting
4 Non-shorting
SWITCHING MODE
On
Off



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com