Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

07R3513 Datasheet(PDF) 1 Page - Elma Electronic Ltd

Part # 07R3513
Description  SELECTOR SWITCH 07R
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELMA [Elma Electronic Ltd]
Direct Link  https://www.elma.com/en
Logo ELMA - Elma Electronic Ltd

07R3513 Datasheet(HTML) 1 Page - Elma Electronic Ltd

  07R3513 Datasheet HTML 1Page - Elma Electronic Ltd 07R3513 Datasheet HTML 2Page - Elma Electronic Ltd 07R3513 Datasheet HTML 3Page - Elma Electronic Ltd 07R3513 Datasheet HTML 4Page - Elma Electronic Ltd 07R3513 Datasheet HTML 5Page - Elma Electronic Ltd 07R3513 Datasheet HTML 6Page - Elma Electronic Ltd 07R3513 Datasheet HTML 7Page - Elma Electronic Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
www.elma.com
06|20
1|7
07R
SELECTOR SWITCH
07R
DATASHEET
›
PCB mounting (THT, reflow version on request)
›
Switching torque: Up to 3.5 Ncm
›
Gold plated contacts
›
Washable (sealed contact system)
›
IP68 front panel sealing
›
Operating temperature range: -40 to +85 °C
›
Various options and customizations
Product description
MAIN FEATURES
MINIATURE, UP TO 4 POSITIONS
PRODUCT VARIETY
■
Vertical or horizontal mounting
■
Shorting or non-shorting
■
Switching torque 2.2 or 3.5 Ncm
■
Front panel sealing IP60 or IP68
■
Number of positions
■
Bushing style
■
Shaft style and length
POSSIBLE CUSTOMIZATIONS
■
Shaft dimension and shape
■
Bushing dimension
■
Switching torque
■
Others
TYPICAL APPLICATIONS
■
Industrial controls
■
Avionics, test and measurement systems
■
Medical and audio equipment
■
Mobile equipment
■
Transport and constructions machines
11/65/EU)


Similar Description - 07R3513

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI4700DY VISHAY-SI4700DY Datasheet
76Kb / 8P
Power Selector Switch
24-Jan-00
logo
DAICO Industries, Inc.
100D9288 DAICO-100D9288 Datasheet
44Kb / 1P
Switch Selector UHF Antenna
logo
Advanced Analogic Techn...
AAT4674 ANALOGICTECH-AAT4674 Datasheet
242Kb / 13P
Power Supply Selector Switch
AAT4672 ANALOGICTECH-AAT4672 Datasheet
1Mb / 24P
Power Supply Selector Switch
AAT4674 ANALOGICTECH-AAT4674_08 Datasheet
280Kb / 12P
Power Supply Selector Switch
logo
Skyworks Solutions Inc.
AAT4672 SKYWORKS-AAT4672_12 Datasheet
552Kb / 12P
Power Supply Selector Switch
AAT4674 SKYWORKS-AAT4674_12 Datasheet
615Kb / 12P
Power Supply Selector Switch
logo
Festo Corporation.
HW-6-38 FESTO-HW-6-38 Datasheet
79Kb / 1P
Selector switch
logo
Schneider Electric
9001K7B SCHNEIDER-9001K7B Datasheet
86Kb / 2P
SELECTOR SWITCH PADLOCK ATTACHMENT 30MM
Oct 17, 2021
9001KS11BH27 SCHNEIDER-9001KS11BH27 Datasheet
78Kb / 1P
SELECTOR SWITCH
Aug 15, 2019
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com