Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPACE-CONNECTIVITY Datasheet(PDF) 6 Page - Juniper Networks, Inc.

Part # SPACE-CONNECTIVITY
Description  JUNOS SPACE CONNECTIVITY SERVICES DIRECTOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JUNIPER [Juniper Networks, Inc.]
Direct Link  https://www.juniper.net/us/en.html
Logo JUNIPER - Juniper Networks, Inc.

SPACE-CONNECTIVITY Datasheet(HTML) 6 Page - Juniper Networks, Inc.

  SPACE-CONNECTIVITY Datasheet HTML 1Page - Juniper Networks, Inc. SPACE-CONNECTIVITY Datasheet HTML 2Page - Juniper Networks, Inc. SPACE-CONNECTIVITY Datasheet HTML 3Page - Juniper Networks, Inc. SPACE-CONNECTIVITY Datasheet HTML 4Page - Juniper Networks, Inc. SPACE-CONNECTIVITY Datasheet HTML 5Page - Juniper Networks, Inc. SPACE-CONNECTIVITY Datasheet HTML 6Page - Juniper Networks, Inc. SPACE-CONNECTIVITY Datasheet HTML 7Page - Juniper Networks, Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
6
Junos Space Connectivity Services Director
Synchronization Management
Junos Space Connectivity Services Director includes an
optional component that manages synchronization devices
such as the Juniper Networks TCA Series Timing Appliances,
as well as synchronization subsystems within other Juniper
devices that support the IEEE 1588-2008 standard—commonly
known as Precision Time Protocol (PTP) and Synchronous
Ethernet. In addition to managing device-level synchronization
attributes, Connectivity Services Director also manages logical
timing entities or domains that comprise groups of devices or
subsystems. Users can create timing domains, assign various
synchronization devices and subsystems to a domain, and
then apply a specific timing service template to each domain.
Connectivity Services Director scans the devices in the timing
domain and performs configuration operations one-by-one
based on the service template, automating and simplifying the
configuration process.
Features and Benefits
Feature
Feature Description
Benefits
Removal of all possible manual
configuration errors
• Junos Space Connectivity Services Director provides a
centralized location for all L2VPN and L3VPN services.
• Reduces meantime to recovery (MTTR) when
troubleshooting customer connectivity issues.
Reliable and scalable architecture
• Junos Space Connectivity Services Director runs on a
distributed and scalable architecture.
• The Junos Space fabric can be expanded organically, as
administrators can simply add nodes to increase scalability.
• Users can monitor the health of the fabric and adjust node
membership, as needed. The application automatically load-
balances the processing across any new nodes, as required.
• Allows for a resilient application infrastructure.
• Allows for expansion of the application infrastructure
with the growth of the number of devices, number of GUI
operators and northbound operations support systems (OSS)
clients.
• Enables geographically distributed data centers to operate on
the same Junos Space fabric. In case one data center is not
operational, the secondary data center can still provide full
management capability to continue operations.
Autodiscovery (AD) and inventory
of network devices
• Using IP address range, IP subnet and hostname,
Connectivity Services Director is able to connect to and bring
in the complete physical inventory of the managed devices.
• Provides a complete and accurate device inventory of line
cards, PICs, interfaces, Juniper Networks Junos operating
system version, chassis type, and serial number that is
accessible in one single place.
Automated MPLS and network
resource management
• Leveraging Juniper best practices, there is a set of predefined
network signature rules that help with identifying the MPLS
role, UNI, and NNI. When configuring carrier Ethernet
services, a large number of network resources typically need
to be allocated and tracked for a given MPLS service.
• Provides automated resource allocation and management for
network and device resources.
• Provisioning Ethernet services at scale becomes fast and
efficient by automating network resource allocation.
Service design
• Leveraging Juniper MPLS best practices, Connectivity
Services Director has predefined service offering designs
for LSP and VPN services. Service designers can further
customize a carrier’s predefined service offering designs.
• Time to market is shortened, providing a turnkey service
model that can be leveraged rapidly.
• Custom service definitions allow for flexibility in service
provisioning.
Point-and-click provisioning
• Simple point-and-click provisioning allows the operator to
easily select the endpoints for activating a customer VPN.
• MPLS services supported are carrier Ethernet E-Line and
E-LAN (with E-Tree and multihoming) services. IP services
along with LSP services are also supported.
• Removes all possible manual configuration errors.
• Provides one centralized location to track all customer VPN
services (E-Line, E-LAN, IP).
• Reduces MTTR when troubleshooting customer connectivity
issues.
Configuration pre-validation
• Before deploying carrier Ethernet services, pre-validation is
done to determine if there are any conflicts with selected
network parameters—VLAN IDs, VC ID, route targets (RTs)
collision, uniqueness of route distinguisher (RD).
• All of these network pre-validations provide a certain level of
assurance that the service intended by the operator has no
conflicts and is configured correctly without errors.
Configuration post-validation
• Connectivity Services Director validates at a configuration
level to determine if the intended configurations are present
on all targeted devices.
• Ensures that the service configurations are present as
intended by the operator.
Operational validation
• In order to ensure that carrier Ethernet services are
operational, two validation levels are executed—control plane
and data plane validations.
• Provides the operator with a clear assurance that carrier
Ethernet services are indeed working.
Create, Read, Update, and Delete
(CRUD) functionality
• CRUD operations are available for all services supported.
• Customers can easily create, read, update, and delete their
services.
Synchronization management
(option)
• Connectivity Services Director allows configuration of PTP
and Synchronous Ethernet interfaces across Juniper devices.
• Provides network-wide consistency in the management
of synchronization—a critical requirement for 3G/4G/LTE
networks.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com