Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P2ALAFB Datasheet(PDF) 1 Page - nVent Electric plc

Part # P2ALAFB
Description  Lifting Eyes
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NVENT [nVent Electric plc]
Direct Link  https://www.nvent.com/en-us/
Logo NVENT - nVent Electric plc

P2ALAFB Datasheet(HTML) 1 Page - nVent Electric plc

  P2ALAFB Datasheet HTML 1Page - nVent Electric plc P2ALAFB Datasheet HTML 2Page - nVent Electric plc P2ALAFB Datasheet HTML 3Page - nVent Electric plc P2ALAFB Datasheet HTML 4Page - nVent Electric plc  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PROLINE G2 ExtERNaL COmPONENts Top and Cover aCCessories
nVent.com/HOFFMAN
SUBJECT TO CHANGE WITHOUT NOTICE
mOduLaR ENCLOsuRE sOLutIONs
1
Spec-01194 D
Spec-01194
LIftING EyEs
aPPLICatION
Lifting Eyes are used for lifting PROLINE G2 modular frames and
for fastening PROLINE G2 top accessories to the frame.
fEatuREs
•
Designed for overhead lifting in conjunction with shackles and a
spreader bar
•
Thread into corner blocks in a frame
sPECIfICatIONs
•
Furnished in sets of four
•
Use of shackles instead of hooks is preferred
•
The angle between the top of the enclosure and the cable or chain
must be at least 45 degrees
•
Use only slings and spreader bars that are designed for the
specific application and are in compliance with regulations
established by OSHA, ASME, ISA, ASTM and other governing
agencies
fINIsH
•
Plated
LOad RatING
•
750 lb (340 kg) per lifting eye, straight vertical pull
•
500 lb (226 kg) per lifting eye. 45 degree pull
Bulletin: p40
Catalog Number
Description
P2ALE
Lifting Eyes, Qty 4
LIftING aNGLEs
aPPLICatION
Lifting Eyes thread into the steel corner blocks of a modular
enclosure to facilitate overhead lifting.
fEatuREs
•
Set of two angles, mounting hardware included
•
Used to provide best load distribution while lifting two or
three joined/ganged enclosures with up to 1000 lb (453 kg) of
equipment and cabling in each bay
•
Angles mount to top of enclosure frame corner blocks and do not
require removal of top cover for installation
sPECIfICatIONs
•
Lifting Angles are designed for overhead lifting in conjunction
with shackles and a spreader bar
•
Use of shackles instead of hooks is preferred
•
The angle between the top of the enclosure and the cable or chain
must be at least 45 degrees
•
10 gauge (3.0mm), mild steel
•
Use only slings and spreader bars that are designed for the
specific application and are in compliance with regulations
established by OSHA, ASME, ISA, ASTM and other governing
agencies
fINIsH
•
Plated
LOad RatING
1500 lb (680 kg) per angle
3000 lb (1360 kg) set of 2
Bulletin: p40
Catalog Number
Description
P2ALAFB
Front-to-Back Lifting Angles
P2ALASS
Side-to-Side Lifting Angles


Similar Part No. - P2ALAFB

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
P2A GOOD-ARK-P2A Datasheet
384Kb / 5P
Surface Mount Glass Passivated Standard Rectifier
logo
MKS Instruments.
P2A MKS-P2A Datasheet
266Kb / 4P
Mass Flow Contro ller for Ion ImplanT Applicatiotions
logo
Bud Industries, Inc.
P2A-110 BUD-P2A-110 Datasheet
46Kb / 1P
RELAY RACK PANELS
logo
NIKO SEMICONDUCTOR CO.,...
P2A06BT NIKOSEM-P2A06BT Datasheet
220Kb / 5P
N-Channel Logic Level Enhancement Mode Field Effect Transistor
logo
nVent Electric plc
P2ADPS1 NVENT-P2ADPS1 Datasheet
554Kb / 6P
PROLINE Grounding Kit
More results

Similar Description - P2ALAFB

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0803316 PHOENIX-0803316 Datasheet
54Kb / 2P
The marker has two fastening eyes so that it can be attached to the conductor by means of PKB ... cable binders
logo
Schneider Electric
S48900 SCHNEIDER-S48900 Datasheet
90Kb / 1P
CIRCUIT BREAKER LIFTING DEVICE
Dec 10, 2020
S48901 SCHNEIDER-S48901 Datasheet
73Kb / 1P
CIRCUIT BREAKER LIFTING DEVICE
Dec 10, 2020
S48906 SCHNEIDER-S48906 Datasheet
130Kb / 1P
CIRCUIT BREAKER LIFTING HOOKS (SET OF 2)
Dec 10, 2020
logo
Festo Corporation.
1095933 FESTO-1095933 Datasheet
80Kb / 1P
Rotary/lifting module
5/30/22
1095934 FESTO-1095934 Datasheet
80Kb / 1P
Rotary/lifting module
5/30/22
1098558 FESTO-1098558 Datasheet
74Kb / 1P
Rotary/lifting module
5/30/22
1098559 FESTO-1098559 Datasheet
86Kb / 1P
Rotary/lifting module
5/30/22
1107096 FESTO-1107096 Datasheet
76Kb / 1P
Rotary/lifting module
5/30/22
1107097 FESTO-1107097 Datasheet
76Kb / 1P
Rotary/lifting module
5/30/22
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com