Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

78740 Datasheet(PDF) 1 Page - Wixroyd Group Ltd

Part # 78740
Description  Pull Handles with Plastic Cover
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIXROYD [Wixroyd Group Ltd]
Direct Link  https://www.wixroyd.com/wx
Logo WIXROYD - Wixroyd Group Ltd

78740 Datasheet(HTML) 1 Page - Wixroyd Group Ltd

  78740 Datasheet HTML 1Page - Wixroyd Group Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
steel
Pull Handles with Plastic Cover
Pull Handles
Order No.
l
1
a
1
a
2
d
1
h
1
h
2
h
3
t
1
78740.W0005
55
10
14
M 5
41
1
8
10
78740.W0088
88
10
14
M 5
41
1
8
10
78740.W0100
100
10
14
M 5
41
1
8
10
78740.W0102
102
10
14
M 5
41
1
8
10
78740.W0115
115
10
14
M 5
41
1
8
10
78740.W0120
120
10
14
M 5
41
1
8
10
78740.W0136
136
10
14
M 5
41
1
8
10
78740.W0180
180
10
14
M 5
41
1
8
10
78740.W0200
200
10
14
M 5
41
1
8
10
78740.W0235
235
10
14
M 5
41
1
8
10
78740.W0250
250
10
14
M 5
41
1
8
10
78740
0333 207 4497
sales@wixroyd.com
1
Material
Round steel bar.
Finish: precision ground and matt gloss
chromium plated surface, handle arms with
smooth plastic covering. High quality
handles for front panels and similar appli­
cations.
Technical Notes
Matte gloss chromium plated brass end
bushes included. Minimum stress resi­
stance 1000N.


Similar Part No. - 78740

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
787439-1 MACOM-787439-1 Datasheet
913Kb / 9P
Power Connectors & Interconnection Systems
787443-1 MACOM-787443-1 Datasheet
43Kb / 1P
HEADER ASSEMBLY, RIGHT ANGLE, KEYLESS
logo
Weller Tools
7874B WELLER-7874B Datasheet
55Kb / 1P
ESD Safe Manual Desoldering Tool
12/6/2016
More results

Similar Description - 78740

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
RM515EPA-10PC HIROSE-RM515EPA-10PC Datasheet
301Kb / 7P
Push-Pull Circular Plastic Connectors
logo
Honeywell Solid State E...
HIH3610 HONEYWELL-HIH3610 Datasheet
74Kb / 4P
Molded thermoset plastic housing with cover
logo
List of Unclassifed Man...
480 ETC2-480 Datasheet
268Kb / 1P
ROUND INSTRUMENTATION HANDLES
logo
Molex Electronics Ltd.
1065018004 MOLEX11-1065018004 Datasheet
34Kb / 1P
Industrial ODVA SFP Receptacle, Flange Mount, with Plastic Dust Cover
logo
Hirose Electric
RP13 HIROSE-RP13 Datasheet
855Kb / 12P
Plastic Push-Pull Lock Connectors
logo
HARTING Technology Grou...
09-20-032-5407 HARTING-09-20-032-5407 Datasheet
459Kb / 2P
Han 32A-Cover (Plastic)
09-30-048-0301 HARTING-09-30-048-0301 Datasheet
461Kb / 2P
Han 48B Base with Plastic Cover housing
09-30-010-5401 HARTING-09-30-010-5401 Datasheet
463Kb / 2P
Han 10B Protect Cover with latch plastic
2021-10-01
logo
FIBOX Enclosing innovat...
3730260 FIBOX-3730260 Datasheet
41Kb / 1P
Including: base, cover, cover screws, 1 blind plug, 1 pull-off
16.08.2023
logo
Keystone Electronics Co...
9121 KEYSTONE-9121 Datasheet
86Kb / 1P
INSTRUMENTATION HANDLES
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com