| Electronic Components Datasheet Search |
|
DST-SW-PRO4 Datasheet(PDF) 88 Page - Greenlee Communications |
|
|
|||||||||||||||||||||||||||||
DST-SW-PRO4 Datasheet(HTML) 88 Page - Greenlee Communications |
|
88 / 108 page ![]() 364 COMMUNICATIONS TRUSTED SINCE 1862 HAND TOOLS www.greenlee.com • Connectors twist onto cable for quick installation • Sharp threads firmly grip cable for good connections • EZ-SPIN™ hex nut for easy installation Twist-On Cable TV “F” Connectors RG59 RG6 DESCRIPTION CAT. NO. CAT. NO. 10 Pack Clamshell PA9694 PA9695 SealTite® RCA Compression Connectors SealTite® BNC Compression Connectors • Patented design with 360º cable gripping sleeve • Full gold contacts for low signal loss • Includes slip-on color bands for easy cable identification • A set of bands includes 4 red, 2 green, 2 blue, 2 yellow and 2 white per ten connectors • Constructed from solid brass with nickel plating • Patented design with 360º cable gripping sleeve • Full gold contacts for low signal loss • Includes slip-on color bands for easy cable identification • A set of bands includes 4 red, 2 green, 2 blue, 2 yellow and 2 white per ten connectors • Constructed from solid brass with nickel plating SealTite® Cable TV “F” Compression Connectors • Large hex nut for easy installations • Patented design with 360º cable gripping sleeve • Solid brass construction with nickel plating to prevent UV degradation • Crimp-on style cable TV “F” connectors • All-brass with nickel plating for durability • Designed for indoor use Hex Crimp Cable TV “F” Connectors *Also available in retail jar pack, PA9687. RG59 RG6 & RG6 Quad RG6 Quad DESCRIPTION CAT. NO. CAT. NO. CAT. NO. 10 Pack Clamshell PA9642 PA9643 PA9644 20 Pack Clamshell PA9610 PA9611 PA9612 50 Pack Jar PA9645 PA9646 PA9647 100 Pack Bulk N/A PA9614 PA9615 RG59 RG6 & RG6 Quad DESCRIPTION CAT. NO. CAT. NO. 10 Pack Clamshell PA9720 PA9714 50 Pack Jar PA9721 PA9716 RG59 RG6 & RG6 Quad DESCRIPTION CAT. NO. CAT. NO. 10 Pack Clamshell PA9730 PA9715 50 Pack Jar PA9731 PA9740 RG59 RG6 RG6 Quad DESCRIPTION CAT. NO. CAT. NO. CAT. NO. 10 Pack Clamshell PA9676 PA9677 PA9678 PA9642 PA9714 PA9715 PA9676 PA9694 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |