Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DST-SW-TON Datasheet(PDF) 100 Page - Greenlee Communications

Part # DST-SW-TON
Description  COMMUNICATIONS GREENLEE COMMUNICATIONS OFFERS A COMPLETE LINE OF INNOVATIVE AND INDUSTRY-LEADING TEST & MEASUREMENT SOLUTIONS FOR THE COMMUNICATION SERVICE PROVIDER INDUSTRY.
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GREENLEE [Greenlee Communications]
Direct Link  https://www.greenlee.com/
Logo GREENLEE - Greenlee Communications

DST-SW-TON Datasheet(HTML) 100 Page - Greenlee Communications

Back Button DST-SW-TON Datasheet HTML 96Page - Greenlee Communications DST-SW-TON Datasheet HTML 97Page - Greenlee Communications DST-SW-TON Datasheet HTML 98Page - Greenlee Communications DST-SW-TON Datasheet HTML 99Page - Greenlee Communications DST-SW-TON Datasheet HTML 100Page - Greenlee Communications DST-SW-TON Datasheet HTML 101Page - Greenlee Communications DST-SW-TON Datasheet HTML 102Page - Greenlee Communications DST-SW-TON Datasheet HTML 103Page - Greenlee Communications DST-SW-TON Datasheet HTML 104Page - Greenlee Communications Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 108 page
background image
376
COMMUNICATIONS
TRUSTED
SINCE
1862
HAND TOOLS
www.greenlee.com
CrimpALL® Interchangeable Die Sets for Coaxial Connectors
DESCRIPTION
CAT. NO.
CAT. NO.
CABLE TYPE
CONNECTION
CRIMP SIZES
TOOL WITH DIE DIE ONLY REMARKS
RG58, RG59,
RG62AU
BNC/TNC and 3 Piece
0.256" (6.5mm, 0.213" (5.4mm),
0.068" (1.7mm) HEX
PA8001
PA1317
PA2034
Common 2-piece and 3-piece
BNC/TNC
RG174, RG59/62,
mini-coaxial 75-ohm
HDTV SMA, True 75-ohm
BNC/TNC, Mini-UHF
0.255" (6.5mm), 0.197"
(5.0mm), 0.178" (4.5mm),
0.068" (1.7mm) HEX & 0.042"
(1.0mm) SQ
PA8002
PA1366
PA2648
Common 2-piece and 3-piece BNC/
TNC (Kings, ADC, Amphenol, etc.)
RG59, RG6, Belden
8281, Belden 1694A
HDTV BNC/TNC/CATV "f"
True 75-ohm
0.324" (8.2mm), 0.255"
(6.5mm), 0.068" (1.7mm) HEX
& 0.052" (1.3mm), 0.042"
(1.0mm) SQ
PA8003
PA1367
PA2649
Common 2-piece and 3-piece BNC/
TNC (Kings, ADC, Amphenol, etc.)
RG6, Belden 1694,
Bleden 1694A
HDTV BNC/TNC True
75-ohm
0.278" (7.0mm), 0.275"
(6.9mm), 0.068" (1.7mm) HEX &
0.042" (1.0mm) SQ
PA8004
PA1368
PA2657
Common 3-piece BNC/TNC (Kings &
ADC HDTV)
RG58, Mini-59, RG-
174, small coaxial
SMA, SMB, Mini-59 BNC/
TNC, Mini-UHF
0.128" (3.2mm), 0.213"
(5.4mm), 0.197" (5.0mm), 0.178"
(4.5mm), 0.068" (1.7mm) HEX &
0.042"(1.0mm) SQ
PA8005
PA1363
PA2653
Common 2-piece and 3-piece SMA/
SMB/BNC/TNC & Mini-UHF
RG58, RG174, AT&T
735, 50 and 75-ohm
Thinnet, BNC/TNC,
Mini-UHF
0.213" (5.4mm), 0.178" (4.5mm)
0.068" (1.7mm) HEX & 0.042"
(1.0mm) SQ
PA8006
PA1335
PA2046
50/75 ohm small 2-piece & 3-piece
BNC/TNC (Kings, ADC, etc.)
RG59, RG62,
Belden 8281,
50 and 75-ohm
BNC/TNC and Mini-UHF
0.315" (8.0mm), 0.252"
(6.4mm), 0.068" (1.7mm), HEX
0.042" (1.0mm) SQ
PA8007
PA1336
PA2047
75 ohm 2-piece & 3-piece BNC/TNC
(Kings, ADC, Amphenol, etc.)
RG174, RG179 and
Small Cable
Connection
BNC/TNC
0.178" (4.5mm), 0.128" (3.2mm),
0.068" (1.7mm) HEX
PA8008
PA1338
PA2051
Common 2-piece and 3-piece BNC/
TNC/SMA/SMB
RG6 and RG6 Quad,
Belden 1694A
BNC and CATV "F" Type
& HDTV
0.360" (9.1mm), 0.324"
(8.2mm), 0.068" (1.7mm) HEX
PA8012
PA1356
PA2045
Common 2-piece and 3-piece BNC/
TNC and CATV "F" 2-piece
RG59, RG6 Video
Cable
CATV "F" Type
0.346" (8.8mm)m 0.319"
(8.2mm), 0.256" (6.5mm) HEX
PA8013
PA1328
PA2042
Crimps Ferrules or Sleeves Only
RG8, RG11, RG213
N-Type
0.429" (10.9mm), 0.100"
(2.54mm), 0.080" (2.03mm) HEX
PA8014
PA1365
PA2656
Common 2-piece and 3-piece "N"-
Type (Kings, ADC, Amphenol, etc.)
RG8, RG11, RG213,
RG216
N-Type, MS39012 Type
0.415" (10.5mm), 0.095"
(2.4mm) HEX
PA8015
PA1319
PA2039
Crimps Pins and Ferrules
Belden 1855A,
1865A, 1505A,
1505F, 1694A,
1694F, 179DT
HDYV BNC/TNC True
75-ohm
0.178" (4.5mm), 0.255"
(6.5mm), 0.278" (7.0mm),
0.068" (1.7mm), 0.041"
(1.0) HEX
PA8049
PA1389
PA2699
Kings, ADC, B&L, Trompeter,
Amphenol, Switchcraft
Teflon® is a registered trademark of Dupont



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com