Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DST-SW-TON Datasheet(PDF) 106 Page - Greenlee Communications

Part # DST-SW-TON
Description  COMMUNICATIONS GREENLEE COMMUNICATIONS OFFERS A COMPLETE LINE OF INNOVATIVE AND INDUSTRY-LEADING TEST & MEASUREMENT SOLUTIONS FOR THE COMMUNICATION SERVICE PROVIDER INDUSTRY.
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GREENLEE [Greenlee Communications]
Direct Link  https://www.greenlee.com/
Logo GREENLEE - Greenlee Communications

DST-SW-TON Datasheet(HTML) 106 Page - Greenlee Communications

Back Button DST-SW-TON Datasheet HTML 100Page - Greenlee Communications DST-SW-TON Datasheet HTML 101Page - Greenlee Communications DST-SW-TON Datasheet HTML 102Page - Greenlee Communications DST-SW-TON Datasheet HTML 103Page - Greenlee Communications DST-SW-TON Datasheet HTML 104Page - Greenlee Communications DST-SW-TON Datasheet HTML 105Page - Greenlee Communications DST-SW-TON Datasheet HTML 106Page - Greenlee Communications DST-SW-TON Datasheet HTML 107Page - Greenlee Communications DST-SW-TON Datasheet HTML 108Page - Greenlee Communications  
Zoom Inzoom in Zoom Outzoom out
 106 / 108 page
background image
www.greenlee.com
382
COMMUNICATIONS
TRUSTED
SINCE
1862
HAND TOOLS
www.greenlee.com
HDMI TOOLS
• Use with Greenlee® 24 AWG HDFT™ cable & connectors
• Cuts 24 AWG HDFT™ cables, strips outer jacket and twisted pair shielding
• Curved blade for cutting HDMI®* and HDFT™ cables
• Precision stripping cavity for removing outer jacket on 24 AWG HDFT™ cables
• Exclusive cavity for removing twisted pair shielding on 24 AWG HDFT™ cables
HDMI®* HDFT™ Cable Prep Tool
CAT NO.
UPC NO.
DESCRIPTION
PA1192
00072
Cable Prep Tool
• Use with Greenlee® HDFT™ Connectors
• Make premium HDMI®* High Speed with Ethernet cables
• Supports HDMI®* 1.4 features: 3D, Ethernet and Audio Return
• 100’ 24 AWG HDFT™ cable
• Solid-core long grain copper
• Fifth twisted pair for Ethernet and audio return
• Other HDMI®* 1.4** features supported: 10.2 Gbps Data Rate, 3D Video
Formats, Deep Color and 4k x 2k Resolution
24 AWG HDMI®* Field Terminating Cable
CAT NO.
UPC NO.
DESCRIPTION
FTHD24-100
00079
100' 24 AWG Field Terminating Cable
• Make custom length, premium HDMI®* cables
• Eliminates cable clutter
• Costs less than pre-terminated cables
• 10 or 50 pack – 24 AWG HDFT™ Connector Components
• Use With Greenlee® 24 AWG HDMI®* Field Terminating Cable only
• Includes main connector terminal block and wire guides
• Guides are mated and colorcoded for 24 AWG HDMI®* Field Terminating cable
• Make custom length, premium HDMI®* High Speed with Ethernet cables
HDMI®* Field Terminating Connectors
CAT NO.
UPC NO.
DESCRIPTION
HDCN24-10
00073
Field Terminating Connectors (10 Pack)
HDCN24-50
00074
Field Terminating Connectors (50 Pack)
*HDMI Equivalent
HDMI®* Registered trademark of HDMI Licensing, LLC
HDFT™ Trademark owned by the Quest Group
A PRODUCT VIDEO IS
AVAILABLE, SCAN THIS QR
CODE OR VISIT:
www.youtube.com/GreenleeDEMO
PA1192
FTHD24-100
HDCN24-10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com