Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

INA210AIRSWR.B Datasheet(PDF) 31 Page - Texas Instruments

Part # INA210AIRSWR.B
Description  INA21x Voltage Output, Low- or High-Side Measurement, Bidirectional, Zero-Drift Series, Current-Shunt Monitors
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA210AIRSWR.B Datasheet(HTML) 31 Page - Texas Instruments

Back Button INA210AIRSWR.B Datasheet HTML 27Page - Texas Instruments INA210AIRSWR.B Datasheet HTML 28Page - Texas Instruments INA210AIRSWR.B Datasheet HTML 29Page - Texas Instruments INA210AIRSWR.B Datasheet HTML 30Page - Texas Instruments INA210AIRSWR.B Datasheet HTML 31Page - Texas Instruments INA210AIRSWR.B Datasheet HTML 32Page - Texas Instruments INA210AIRSWR.B Datasheet HTML 33Page - Texas Instruments INA210AIRSWR.B Datasheet HTML 34Page - Texas Instruments INA210AIRSWR.B Datasheet HTML 35Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 50 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
14-Oct-2025
Orderable part number
Status
(1)
Material type
(2)
Package | Pins
Package qty | Carrier
RoHS
(3)
Lead finish/
Ball material
(4)
MSL rating/
Peak reflow
(5)
Op temp (°C)
Part marking
(6)
INA212AIDCKR.A
Active
Production
SC70 (DCK) | 6
3000 | LARGE T&R
Yes
SN
Level-2-260C-1 YEAR
-40 to 125
CEV
INA212AIDCKT
Active
Production
SC70 (DCK) | 6
250 | SMALL T&R
Yes
NIPDAU | SN
Level-2-260C-1 YEAR
-40 to 125
CEV
INA212AIDCKT.A
Active
Production
SC70 (DCK) | 6
250 | SMALL T&R
Yes
SN
Level-2-260C-1 YEAR
-40 to 125
CEV
INA212BIDCKR
Active
Production
SC70 (DCK) | 6
3000 | LARGE T&R
Yes
NIPDAU | SN
Level-2-260C-1 YEAR
-40 to 125
SEC
INA212BIDCKR.B
Active
Production
SC70 (DCK) | 6
3000 | LARGE T&R
Yes
SN
Level-2-260C-1 YEAR
-40 to 125
SEC
INA212BIRSWR
Active
Production
UQFN (RSW) | 10
3000 | LARGE T&R
Yes
NIPDAU
Level-1-260C-UNLIM
-40 to 125
13U
INA212BIRSWR.B
Active
Production
UQFN (RSW) | 10
3000 | LARGE T&R
Yes
NIPDAU
Level-1-260C-UNLIM
-40 to 125
13U
INA212CIDCKR
Active
Production
SC70 (DCK) | 6
3000 | LARGE T&R
Yes
NIPDAU
Level-2-260C-1 YEAR
-40 to 125
16E
INA212CIDCKR.B
Active
Production
SC70 (DCK) | 6
3000 | LARGE T&R
Yes
NIPDAU
Level-2-260C-1 YEAR
-40 to 125
16E
INA212CIDCKT
Obsolete
Production
SC70 (DCK) | 6
-
-
Call TI
Call TI
-40 to 125
16E
INA212CIRSWR
Active
Production
UQFN (RSW) | 10
3000 | LARGE T&R
Yes
NIPDAU
Level-1-260C-UNLIM
-40 to 125
16V
INA212CIRSWR.B
Active
Production
UQFN (RSW) | 10
3000 | LARGE T&R
Yes
NIPDAU
Level-1-260C-UNLIM
-40 to 125
16V
INA212CIRSWT
Obsolete
Production
UQFN (RSW) | 10
-
-
Call TI
Call TI
-40 to 125
16V
INA213AIDCKR
Active
Production
SC70 (DCK) | 6
3000 | LARGE T&R
Yes
NIPDAU | SN
Level-2-260C-1 YEAR
-40 to 125
CFT
INA213AIDCKR.A
Active
Production
SC70 (DCK) | 6
3000 | LARGE T&R
Yes
SN
Level-2-260C-1 YEAR
-40 to 125
CFT
INA213AIDCKR.B
Active
Production
SC70 (DCK) | 6
3000 | LARGE T&R
Yes
SN
Level-2-260C-1 YEAR
-40 to 125
CFT
INA213AIDCKRG4
Active
Production
SC70 (DCK) | 6
3000 | LARGE T&R
Yes
NIPDAU
Level-2-260C-1 YEAR
-40 to 125
CFT
INA213AIDCKRG4.A
Active
Production
SC70 (DCK) | 6
3000 | LARGE T&R
Yes
NIPDAU
Level-2-260C-1 YEAR
-40 to 125
CFT
INA213AIDCKRG4.B
Active
Production
SC70 (DCK) | 6
3000 | LARGE T&R
Yes
NIPDAU
Level-2-260C-1 YEAR
-40 to 125
CFT
INA213AIDCKT
Active
Production
SC70 (DCK) | 6
250 | SMALL T&R
Yes
NIPDAU | SN
Level-2-260C-1 YEAR
-40 to 125
CFT
INA213AIDCKT.A
Active
Production
SC70 (DCK) | 6
250 | SMALL T&R
Yes
SN
Level-2-260C-1 YEAR
-40 to 125
CFT
INA213AIDCKT.B
Active
Production
SC70 (DCK) | 6
250 | SMALL T&R
Yes
SN
Level-2-260C-1 YEAR
-40 to 125
CFT
INA213AIRSWR
Active
Production
UQFN (RSW) | 10
3000 | LARGE T&R
Yes
NIPDAU
Level-1-260C-UNLIM
-40 to 125
KPJ
INA213AIRSWR.A
Active
Production
UQFN (RSW) | 10
3000 | LARGE T&R
Yes
NIPDAU
Level-1-260C-UNLIM
-40 to 125
KPJ
INA213AIRSWR.B
Active
Production
UQFN (RSW) | 10
3000 | LARGE T&R
Yes
NIPDAU
Level-1-260C-UNLIM
-40 to 125
KPJ
INA213AIRSWRG4
Active
Production
UQFN (RSW) | 10
3000 | LARGE T&R
Yes
NIPDAU
Level-1-260C-UNLIM
-40 to 125
KPJ
INA213AIRSWRG4.A
Active
Production
UQFN (RSW) | 10
3000 | LARGE T&R
Yes
NIPDAU
Level-1-260C-UNLIM
-40 to 125
KPJ
INA213AIRSWRG4.B
Active
Production
UQFN (RSW) | 10
3000 | LARGE T&R
Yes
NIPDAU
Level-1-260C-UNLIM
-40 to 125
KPJ
INA213AIRSWT
Obsolete
Production
UQFN (RSW) | 10
-
-
Call TI
Call TI
-40 to 125
KPJ
INA213BIDCKR
Active
Production
SC70 (DCK) | 6
3000 | LARGE T&R
Yes
NIPDAU | SN
Level-2-260C-1 YEAR
-40 to 125
SEF
INA213BIDCKR.A
Active
Production
SC70 (DCK) | 6
3000 | LARGE T&R
Yes
SN
Level-2-260C-1 YEAR
-40 to 125
SEF
Addendum-Page 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com