Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

INA321 Datasheet(PDF) 10 Page - Texas Instruments

Part # INA321
Description  microPower, Single-Supply, CMOS Instrumentation Amplifier
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA321 Datasheet(HTML) 10 Page - Texas Instruments

Back Button INA321 Datasheet HTML 6Page - Texas Instruments INA321 Datasheet HTML 7Page - Texas Instruments INA321 Datasheet HTML 8Page - Texas Instruments INA321 Datasheet HTML 9Page - Texas Instruments INA321 Datasheet HTML 10Page - Texas Instruments INA321 Datasheet HTML 11Page - Texas Instruments INA321 Datasheet HTML 12Page - Texas Instruments INA321 Datasheet HTML 13Page - Texas Instruments INA321 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
INA321
INA2321
SBOS168D − DECEMBER 2000 − REVISED JANUARY 2006
www.ti.com
10
APPLICATIONS INFORMATION
The INA321 is a modified version of the classic two op amp
instrumentation amplifier, with an additional gain amplifier.
Figure 1 shows the basic connections for the operation of
the INA321 and INA2321. The power supply should be
capacitively decoupled with 0.1
µF capacitors as close to
the INA321 as possible for noisy or high-impedance
applications.
The output is referred to the reference terminal, which
must be at least 1.2V below the positive supply rail.
OPERATING VOLTAGE
The INA321 family is fully specified over a supply range of
+2.7V to +5.5V, with key parameters assured over the
temperature range of −55
°C to +125°C. Parameters that
vary significantly with operating conditions, such as load
conditions or temperature, are shown in the Typical
Characteristics.
The INA321 may be operated on a single supply. Figure 2
shows a bridge amplifier circuit operated from a single +5V
supply. The bridge provides a small differential voltage
riding on an input common-mode voltage.
160k
Ω
40k
Ω
40k
Ω
160k
Ω
3
2
5
1
7
8
4
Also drawn in simplified form:
6
REF
0.1
µF0.1µF
RG
V
IN−
V
IN+
V
−
V+
A1
A3
A2
V
O =((VIN+) − (VIN − )) • G
Short V
OUT to RG
for G = 5
5
10
50
100
SHORT
100k
Ω
90k
Ω
190k
Ω
OPEN
100k
Ω
10k
Ω
10k
Ω
R
2
R
1
Shutdown
(For Single
Supply)
DESIRED GAIN
(V/V)
R
1
R
2
G = 5+ 5(R
2 /R1 )
INA321
5
3
2
V
OUT
8
7
6
4
1
V+
Shutdown
RG
V
IN−
V
−
V
IN+
REF
Figure 1. Basic Connections
Bridge
Sensor
+5V
NOTE: (1) REF should be adjusted for the desired output level,
keeping in mind that the value of REF affects the common−mode
input range. See Typical Characteristics.
INA321
5
3
2
V
OUT
8
7
6
4
1
V+
Shutdown
RG
V
IN−
V
−
V
IN+
REF(1)
Figure 2. Bridge Amplifier of the INA321



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com