Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

INA281A2IDBVT Datasheet(PDF) 16 Page - Texas Instruments

Part # INA281A2IDBVT
Description  INA281, –4-V to 110-V, 1.3-MHz Current-Sense Amplifier
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA281A2IDBVT Datasheet(HTML) 16 Page - Texas Instruments

Back Button INA281A2IDBVT Datasheet HTML 12Page - Texas Instruments INA281A2IDBVT Datasheet HTML 13Page - Texas Instruments INA281A2IDBVT Datasheet HTML 14Page - Texas Instruments INA281A2IDBVT Datasheet HTML 15Page - Texas Instruments INA281A2IDBVT Datasheet HTML 16Page - Texas Instruments INA281A2IDBVT Datasheet HTML 17Page - Texas Instruments INA281A2IDBVT Datasheet HTML 18Page - Texas Instruments INA281A2IDBVT Datasheet HTML 19Page - Texas Instruments INA281A2IDBVT Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 30 page
background image
voltage. In addition to the absolute resistor value, mismatch resulting from resistor tolerance can significantly
impact the error because this value is calculated based on the actual measured resistance.
The measurement error expected from the additional external filter resistors can be calculated using Equation 4,
and the gain error factor is calculated using Equation 5.
Gain Error (%) = 100
(100
Gain Error Factor)
-
´
(4)
The gain error factor, shown in Equation 4, can be calculated to determine the gain error introduced by the
additional external series resistance. Equation 4 calculates the deviation of the shunt voltage, resulting from
the attenuation and imbalance created by the added external filter resistance. Table 7-2 provides the gain error
factor and gain error for several resistor values.
Gain Error Factor =
RB × R1
(RB × R1) + (RB × RIN) + (2 × RIN × R1)
(5)
Where:
• RIN is the external filter resistance value.
• R1 is the INA281-Q1 input resistance value specified in Table 6-1.
• RB in the internal bias resistance, which is 6600 Ω ± 20%.
Table 7-2. Example Gain Error Factor and Gain Error for 10-Ω External Filter Input Resistors
DEVICE (GAIN)
GAIN ERROR FACTOR
GAIN ERROR (%)
A1 devices (20)
0.99658
–0.34185
A2 devices (50)
0.99598
–0.40141
A3 devices (100)
0.99598
–0.40141
A4 devices (200)
0.99499
–0.50051
A5 devices (500)
0.99203
–0.79663
7.2 Typical Application
The INA281-Q1 is a unidirectional, current-sense amplifier capable of measuring currents through a resistive
shunt with shunt common-mode voltages from –4 V to +110 V.
GND
MCU
24 V
Solenoid
5 V
INA
R
SENSE
I
SENSE
ADC
Figure 7-2. Current Sensing in a Solenoid Application
7.2.1 Design Requirements
In this example application, the common-mode voltage ranges from 0 V to 24 V. The maximum sense current
is 1.5 A, and a 5-V supply is available for the INA281-Q1. Following the design guidelines from Section 7.1.1, a
RSENSE of 50 mΩ and a gain of 50 V/V are selected to provide good output dynamic range. Table 7-3 lists the
design setup for this application.
INA281
SBOSA29A – JUNE 2020 – REVISED NOVEMBER 2023
www.ti.com
16
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: INA281



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com