Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

INA293A2IDBVR Datasheet(PDF) 22 Page - Texas Instruments

Part # INA293A2IDBVR
Description  INA293 –4 V to 110 V, 1.3-MHz, Ultra-Precise Current Sense Amplifier
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA293A2IDBVR Datasheet(HTML) 22 Page - Texas Instruments

Back Button INA293A2IDBVR Datasheet HTML 18Page - Texas Instruments INA293A2IDBVR Datasheet HTML 19Page - Texas Instruments INA293A2IDBVR Datasheet HTML 20Page - Texas Instruments INA293A2IDBVR Datasheet HTML 21Page - Texas Instruments INA293A2IDBVR Datasheet HTML 22Page - Texas Instruments INA293A2IDBVR Datasheet HTML 23Page - Texas Instruments INA293A2IDBVR Datasheet HTML 24Page - Texas Instruments INA293A2IDBVR Datasheet HTML 25Page - Texas Instruments INA293A2IDBVR Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 32 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
17-Sep-2025
PACKAGING INFORMATION
Orderable part number
Status
(1)
Material type
(2)
Package | Pins
Package qty | Carrier
RoHS
(3)
Lead finish/
Ball material
(4)
MSL rating/
Peak reflow
(5)
Op temp (°C)
Part marking
(6)
INA293A1IDBVR
Active
Production
SOT-23 (DBV) | 5
3000 | LARGE T&R
Yes
NIPDAU
Level-1-260C-UNLIM
-40 to 125
1XWC
INA293A1IDBVR.B
Active
Production
SOT-23 (DBV) | 5
3000 | LARGE T&R
Yes
NIPDAU
Level-1-260C-UNLIM
-40 to 125
1XWC
INA293A1IDBVRG4
Active
Production
SOT-23 (DBV) | 5
3000 | LARGE T&R
Yes
NIPDAU
Level-1-260C-UNLIM
-40 to 125
1XWC
INA293A1IDBVRG4.B
Active
Production
SOT-23 (DBV) | 5
3000 | LARGE T&R
Yes
NIPDAU
Level-1-260C-UNLIM
-40 to 125
1XWC
INA293A1IDBVT
Active
Production
SOT-23 (DBV) | 5
250 | SMALL T&R
Yes
NIPDAU
Level-1-260C-UNLIM
-40 to 125
1XWC
INA293A1IDBVT.B
Active
Production
SOT-23 (DBV) | 5
250 | SMALL T&R
Yes
NIPDAU
Level-1-260C-UNLIM
-40 to 125
1XWC
INA293A2IDBVR
Active
Production
SOT-23 (DBV) | 5
3000 | LARGE T&R
Yes
NIPDAU
Level-1-260C-UNLIM
-40 to 125
1XXC
INA293A2IDBVR.B
Active
Production
SOT-23 (DBV) | 5
3000 | LARGE T&R
Yes
NIPDAU
Level-1-260C-UNLIM
-40 to 125
1XXC
INA293A2IDBVRG4
Active
Production
SOT-23 (DBV) | 5
3000 | LARGE T&R
Yes
NIPDAU
Level-1-260C-UNLIM
-40 to 125
1XXC
INA293A2IDBVRG4.B
Active
Production
SOT-23 (DBV) | 5
3000 | LARGE T&R
Yes
NIPDAU
Level-1-260C-UNLIM
-40 to 125
1XXC
INA293A2IDBVT
Active
Production
SOT-23 (DBV) | 5
250 | SMALL T&R
Yes
NIPDAU
Level-1-260C-UNLIM
-40 to 125
1XXC
INA293A2IDBVT.B
Active
Production
SOT-23 (DBV) | 5
250 | SMALL T&R
Yes
NIPDAU
Level-1-260C-UNLIM
-40 to 125
1XXC
INA293A3IDBVR
Active
Production
SOT-23 (DBV) | 5
3000 | LARGE T&R
Yes
NIPDAU
Level-1-260C-UNLIM
-40 to 125
1XZC
INA293A3IDBVR.B
Active
Production
SOT-23 (DBV) | 5
3000 | LARGE T&R
Yes
NIPDAU
Level-1-260C-UNLIM
-40 to 125
1XZC
INA293A3IDBVRG4
Active
Production
SOT-23 (DBV) | 5
3000 | LARGE T&R
Yes
NIPDAU
Level-1-260C-UNLIM
-40 to 125
1XZC
INA293A3IDBVRG4.B
Active
Production
SOT-23 (DBV) | 5
3000 | LARGE T&R
Yes
NIPDAU
Level-1-260C-UNLIM
-40 to 125
1XZC
INA293A3IDBVT
Active
Production
SOT-23 (DBV) | 5
250 | SMALL T&R
Yes
NIPDAU
Level-1-260C-UNLIM
-40 to 125
1XZC
INA293A3IDBVT.B
Active
Production
SOT-23 (DBV) | 5
250 | SMALL T&R
Yes
NIPDAU
Level-1-260C-UNLIM
-40 to 125
1XZC
INA293A4IDBVR
Active
Production
SOT-23 (DBV) | 5
3000 | LARGE T&R
Yes
NIPDAU
Level-1-260C-UNLIM
-40 to 125
1Z1C
INA293A4IDBVR.B
Active
Production
SOT-23 (DBV) | 5
3000 | LARGE T&R
Yes
NIPDAU
Level-1-260C-UNLIM
-40 to 125
1Z1C
INA293A4IDBVT
Active
Production
SOT-23 (DBV) | 5
250 | SMALL T&R
Yes
NIPDAU
Level-1-260C-UNLIM
-40 to 125
1Z1C
INA293A4IDBVT.B
Active
Production
SOT-23 (DBV) | 5
250 | SMALL T&R
Yes
NIPDAU
Level-1-260C-UNLIM
-40 to 125
1Z1C
INA293A5IDBVR
Active
Production
SOT-23 (DBV) | 5
3000 | LARGE T&R
Yes
NIPDAU
Level-1-260C-UNLIM
-40 to 125
1Z7C
INA293A5IDBVR.B
Active
Production
SOT-23 (DBV) | 5
3000 | LARGE T&R
Yes
NIPDAU
Level-1-260C-UNLIM
-40 to 125
1Z7C
INA293A5IDBVT
Obsolete
Production
SOT-23 (DBV) | 5
-
-
Call TI
Call TI
-40 to 125
1Z7C
INA293B1IDBVR
Active
Production
SOT-23 (DBV) | 5
3000 | LARGE T&R
Yes
NIPDAU
Level-1-260C-UNLIM
-40 to 125
1Z2C
INA293B1IDBVR.B
Active
Production
SOT-23 (DBV) | 5
3000 | LARGE T&R
Yes
NIPDAU
Level-1-260C-UNLIM
-40 to 125
1Z2C
INA293B1IDBVT
Obsolete
Production
SOT-23 (DBV) | 5
-
-
Call TI
Call TI
-40 to 125
1Z2C
INA293B2IDBVR
Active
Production
SOT-23 (DBV) | 5
3000 | LARGE T&R
Yes
NIPDAU
Level-1-260C-UNLIM
-40 to 125
1Z3C
Addendum-Page 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com