Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

INA823 Datasheet(PDF) 13 Page - Texas Instruments

Part # INA823
Description  INA630 Precision, 126dB CMRR, Indirect Current Feedback Instrumentation Amplifier
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA823 Datasheet(HTML) 13 Page - Texas Instruments

Back Button INA823 Datasheet HTML 9Page - Texas Instruments INA823 Datasheet HTML 10Page - Texas Instruments INA823 Datasheet HTML 11Page - Texas Instruments INA823 Datasheet HTML 12Page - Texas Instruments INA823 Datasheet HTML 13Page - Texas Instruments INA823 Datasheet HTML 14Page - Texas Instruments INA823 Datasheet HTML 15Page - Texas Instruments INA823 Datasheet HTML 16Page - Texas Instruments INA823 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
6.6 Typical Characteristics (continued)
at TA = 25°C, VS = ±15V, RL = 10kΩ, VREF = 0V, and G = 20V/V (unless otherwise noted)
G = 20V/V
Figure 6-33. Overshoot vs Capacitive Loads, Falling
Time ( s)
-1
0
1
2
3
4
5
6
-80
-60
-40
-20
0
20
40
60
80
RL = 10kΩ
CL = 100pF
Figure 6-34. Small-Signal Response, G = 20V/V
Time ( s)
-1
0
1
2
3
4
5
6
-80
-60
-40
-20
0
20
40
60
80
G = 100V/V
RL = 10kΩ
CL = 100pF
Figure 6-35. Small-Signal Response, G = 100V/V
Time ( s)
-1
0
1
2
3
4
5
6
-4
-3
-2
-1
0
1
2
3
4
Figure 6-36. Large-Signal Step Response, G = 20V/v
Frequency (Hz)
20
40
60
80
100
120
140
10M
100M
1G
10G
Figure 6-37. EMIRR vs Frequency, Common Mode
Frequency (Hz)
20
40
60
80
100
120
140
10M
100M
1G
10G
Figure 6-38. EMIRR vs Frequency, Differential Mode
www.ti.com
INA630
SBOSAI8A – MARCH 2025 – REVISED JULY 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: INA630



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com