Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

INA293A4IDBVT Datasheet(PDF) 1 Page - Texas Instruments

Part # INA293A4IDBVT
Description  INA293 –4 V to 110 V, 1.3-MHz, Ultra-Precise Current Sense Amplifier
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA293A4IDBVT Datasheet(HTML) 1 Page - Texas Instruments

  INA293A4IDBVT Datasheet HTML 1Page - Texas Instruments INA293A4IDBVT Datasheet HTML 2Page - Texas Instruments INA293A4IDBVT Datasheet HTML 3Page - Texas Instruments INA293A4IDBVT Datasheet HTML 4Page - Texas Instruments INA293A4IDBVT Datasheet HTML 5Page - Texas Instruments INA293A4IDBVT Datasheet HTML 6Page - Texas Instruments INA293A4IDBVT Datasheet HTML 7Page - Texas Instruments INA293A4IDBVT Datasheet HTML 8Page - Texas Instruments INA293A4IDBVT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
INA293 –4 V to 110 V, 1.3-MHz, Ultra-Precise Current Sense Amplifier
1 Features
• Wide common-mode voltage:
– Operational voltage: −4 V to +110 V
– Survival voltage: −20 V to +120 V
• Excellent CMRR:
– 160-dB DC-CMRR
– 85-dB AC-CMRR at 50 kHz
• Accuracy:
– Gain:
• Gain error: ±0.15% (maximum)
• Gain drift: ±10 ppm/ °C (maximum)
– Offset:
• Offset voltage: ±15 µV (typical)
• Offset drift: ±0.05 µV/ °C (typical)
• Available gains:
– INA293A1, INA293B1 : 20 V/V
– INA293A2, INA293B2 : 50 V/V
– INA293A3, INA293B3 : 100 V/V
– INA293A4, INA293B4 : 200 V/V
– INA293A5, INA293B5 : 500 V/V
• High bandwidth: 1.3 MHz
• Slew rate: 2.5 V/µs
• Quiescent current: 1.5 mA
2 Applications
• Active antenna system mMIMO (AAS)
• Macro remote radio unit (RRU)
• 48-V rack server
• 48-V merchant network & server power supply
(PSU)
• 48-V battery management systems (BMS)
3 Description
The INA293 is a ultra-precise current sense amplifier
that can measure voltage drops across shunt resistors
over a wide common-mode range from –4 V to 110
V. The negative common-mode voltage allows the
device to operate below ground, thus accommodating
precise measurement of recirculating currents in half-
bridge applications. The combination of a low offset
voltage, small gain error and high DC CMRR enables
highly accurate current measurement. The INA293 is
not only designed for DC current measurement, but
also for high-speed applications (ex. Fast over-current
protection) with a high bandwidth of 1.3 MHz and an
85-dB AC CMRR (at 50 kHz).
The INA293 operates from a single 2.7-V to 20-
V supply, drawing 1.5 mA of supply current. The
INA293 is available with five gain options: 20 V/V,
50 V/V, 100 V/V, 200 V/V, and 500 V/V. These gain
options address wide dynamic range current-sensing
applications.
The
INA293
is
specified
over
an
operating
temperature range of −40 °C to +125 °C and is
offered in a space-saving SOT-23 package with two
pin-out variants.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
INA293
SOT-23 (5)
2.90 mm × 1.60 mm
(1)
For all available packages, see the package option
addendum at the end of the data sheet.
IN+
IN±
OUT
V
CM
-
+
Buffer
Current
Feedback
V
S
GND
RL
R1
R1
Bias
Load
R
SENSE
I
SENSE
Functional Block Diagram
INA293
SBOS470B – DECEMBER 2019 – REVISED AUGUST 2022
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - INA293A4IDBVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA293A4IDBVT TI1-INA293A4IDBVT Datasheet
1Mb / 30P
INA293 –4-V to 110-V, 1-MHz, High-Precision Current Sense Amplifier
2019
More results

Similar Description - INA293A4IDBVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA293 TI1-INA293 Datasheet
1Mb / 30P
INA293 –4-V to 110-V, 1-MHz, High-Precision Current Sense Amplifier
2019
INA281 TI-INA281 Datasheet
1Mb / 28P
INA281, ??-V to 110-V, 1.3-MHz Current-Sense Amplifier
INA293-Q1 TI-INA293-Q1_V01 Datasheet
1Mb / 27P
INA293-Q1, AEC-Q100, ??-V to 110-V, 1-MHz, Ultra-Precise Current Sense Amplifier
INA293-Q1 TI-INA293-Q1_V02 Datasheet
1Mb / 29P
INA293-Q1, AEC-Q100, ??-V to 110-V, 1-MHz, Ultra-Precise Current Sense Amplifier
INA296A TI-INA296A_V01 Datasheet
1Mb / 27P
INA296x ??-V to 110-V, Bidirectional, 1-MHz, 5-V/關s, Ultra-Precise Current Sense Amplifier
MARCH 2022
INA296A TI-INA296A_V02 Datasheet
2Mb / 33P
INA296x –5 V to 110 V, Bidirectional, 1.1 MHz, 8 V/μs, Ultra-Precise Current Sense Amplifier
REVISED AUGUST 2022
INA310A TI-INA310A Datasheet
1Mb / 32P
INA310x –4 V to 110 V, 1.3 MHz, Ultra-Precise Current Sense Amplifier With Open- Drain Comparator and Reference
MARCH 2023
INA310A TI-INA310A_V01 Datasheet
1Mb / 32P
INA310x –4 V to 110 V, 1.3 MHz, Ultra-Precise Current Sense Amplifier With Open- Drain Comparator and Reference
MARCH 2023
INA310A-Q1 TI-INA310A-Q1 Datasheet
1Mb / 33P
INA310x-Q1 AEC-Q100, –4 V to 110 V, 1.3 MHz, Ultra-Precise Current Sense Amplifier With Open-Drain Comparator and Reference
MAY 2023
INA310A-Q1 TI-INA310A-Q1_V01 Datasheet
1Mb / 33P
INA310x-Q1 AEC-Q100, –4 V to 110 V, 1.3 MHz, Ultra-Precise Current Sense Amplifier With Open-Drain Comparator and Reference
MAY 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com