Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

INA281B4IDBVT Datasheet(PDF) 8 Page - Texas Instruments

Part # INA281B4IDBVT
Description  INA281, –4-V to 110-V, 1.3-MHz Current-Sense Amplifier
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA281B4IDBVT Datasheet(HTML) 8 Page - Texas Instruments

Back Button INA281B4IDBVT Datasheet HTML 4Page - Texas Instruments INA281B4IDBVT Datasheet HTML 5Page - Texas Instruments INA281B4IDBVT Datasheet HTML 6Page - Texas Instruments INA281B4IDBVT Datasheet HTML 7Page - Texas Instruments INA281B4IDBVT Datasheet HTML 8Page - Texas Instruments INA281B4IDBVT Datasheet HTML 9Page - Texas Instruments INA281B4IDBVT Datasheet HTML 10Page - Texas Instruments INA281B4IDBVT Datasheet HTML 11Page - Texas Instruments INA281B4IDBVT Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 30 page
background image
5.6 Typical Characteristics (continued)
All specifications at TA = 25 °C, VS = 5 V, VSENSE = VIN+ – VIN– = 0.5 V / Gain, VCM = VIN– = 48 V, unless otherwise noted.
Frequency (Hz)
0.01
0.02
0.05
0.1
0.2
0.5
1
2
5
10
20
50
100
200
500
1000
10
100
1k
10k
100k
1M
10M
Figure 5-13. Output Impedance vs Frequency
Temperature (qC)
-75
-50
-25
0
25
50
75
100
125
150
175
-0.50
-0.40
-0.30
-0.20
-0.10
0.00
VS = 5V
VS = 20V
VS = 2.7V
Figure 5-14. Swing to Supply vs Temperature
Temperature (qC)
-75
-50
-25
0
25
50
75
100
125
150
175
0.000
0.005
0.010
0.015
0.020
VS = 5V
VS = 20V
VS = 2.7V
Figure 5-15. Swing to GND vs Temperature
Frequency (Hz)
10
20
30
40
50
60
70
80
100
10
100
1k
10k
100k
1M
G = 20
G = 500
Figure 5-16. Input Referred Noise vs Frequency
Time (1 s/div)
Figure 5-17. Input Referred Noise
Output Voltage (V)
0
2.5
5
7.5
10
12.5
15
17.5
20
0.8
1
1.2
1.4
1.6
1.8
2
VS = 5V
VS = 5V
VS = 20V
VS = 20V
VS = 2.7V
VS = 2.7V
G = 20 to 50
G = 100 to 500
Figure 5-18. Quiescent Current vs Output Voltage
INA281
SBOSA29A – JUNE 2020 – REVISED NOVEMBER 2023
www.ti.com
8
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: INA281



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com