Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

INA293B2IDBVT Datasheet(PDF) 11 Page - Texas Instruments

Part # INA293B2IDBVT
Description  INA293 –4 V to 110 V, 1.3-MHz, Ultra-Precise Current Sense Amplifier
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA293B2IDBVT Datasheet(HTML) 11 Page - Texas Instruments

Back Button INA293B2IDBVT Datasheet HTML 7Page - Texas Instruments INA293B2IDBVT Datasheet HTML 8Page - Texas Instruments INA293B2IDBVT Datasheet HTML 9Page - Texas Instruments INA293B2IDBVT Datasheet HTML 10Page - Texas Instruments INA293B2IDBVT Datasheet HTML 11Page - Texas Instruments INA293B2IDBVT Datasheet HTML 12Page - Texas Instruments INA293B2IDBVT Datasheet HTML 13Page - Texas Instruments INA293B2IDBVT Datasheet HTML 14Page - Texas Instruments INA293B2IDBVT Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
6.6 Typical Characteristics (continued)
All specifications at TA = 25 °C, VS = 5 V, VSENSE = VIN+ – VIN- = 0.5 V / Gain, VCM = VIN– = 48 V, unless otherwise noted.
Time (1 s/div)
Figure 6-25. Input Referred Noise
Output Voltage (V)
0
2.5
5
7.5
10
12.5
15
17.5
20
0.8
1
1.2
1.4
1.6
1.8
2
VS = 5V
VS = 5V
VS = 20V
VS = 20V
VS = 2.7V
VS = 2.7V
G = 20 to 50
G = 100 to 500
Figure 6-26. Quiescent Current vs Output Voltage
Temperature (qC)
-75
-50
-25
0
25
50
75
100
125
150
175
0.8
1
1.2
1.4
1.6
1.8
2
VS = 5V
VS = 20V
VS = 2.7V
Figure 6-27. Quiescent Current vs Temperature
Temperature (qC)
-75
-50
-25
0
25
50
75
100
125
150
175
0
10
20
30
40
50
VS = 5V, Sourcing
VS = 5V, Sinking
VS = 20V, Sourcing
VS = 20V, Sinking
VS = 2.7V, Sourcing
VS = 2.7V, Sinking
Figure 6-28. Short-Circuit Current vs Temperature
Supply Voltage (V)
0
2
4
6
8
10
12
14
16
18
20
0.8
1
1.2
1.4
1.6
1.8
2
25qC
125qC
-40qC
Figure 6-29. Quiescent Current vs Supply Voltage
Common-Mode Voltage (V)
-20
0
20
40
60
80
100
120
0.8
1
1.2
1.4
1.6
1.8
2
VS = 5V
VS = 20V
VS = 2.7V
Figure 6-30. Quiescent Current vs Common-Mode Voltage
www.ti.com
INA293
SBOS470B – DECEMBER 2019 – REVISED AUGUST 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
11
Product Folder Links: INA293



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com