Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST1S03 Datasheet(PDF) 14 Page - STMicroelectronics

Part # ST1S03
Description  1.5 A, 1.5 MHz adjustable, step-down switching regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST1S03 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button ST1S03 Datasheet HTML 8Page - STMicroelectronics ST1S03 Datasheet HTML 9Page - STMicroelectronics ST1S03 Datasheet HTML 10Page - STMicroelectronics ST1S03 Datasheet HTML 11Page - STMicroelectronics ST1S03 Datasheet HTML 12Page - STMicroelectronics ST1S03 Datasheet HTML 13Page - STMicroelectronics ST1S03 Datasheet HTML 14Page - STMicroelectronics ST1S03 Datasheet HTML 15Page - STMicroelectronics ST1S03 Datasheet HTML 16Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
Package information
ST1S03
14/16
DocID10992 Rev 7
Figure 23. Tape and reel QFNxx/DFNxx (3 x 3 mm) package outline(1)
1. Drawing is not in scale.
Table 7. Tape and reel QFNxx/DFNxx (3 x 3 mm) package mechanical data
Symbol
Dimensions (mm)
Dimensions (inch)
Min.
Typ.
Max.
Min.
Typ.
Max.
A
330
12.992
C
12.8
13.2
0.504
0.519
D
20.2
0.795
N
60
2.362
T
18.4
0.724
Ao
3.3
0.130
Bo
3.3
0.130
Ko
1.1
0.043
Po
4
0.157
P
8
0.315



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com