Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

INA293B4IDBVR Datasheet(PDF) 4 Page - Texas Instruments

Part # INA293B4IDBVR
Description  INA293 –4 V to 110 V, 1.3-MHz, Ultra-Precise Current Sense Amplifier
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA293B4IDBVR Datasheet(HTML) 4 Page - Texas Instruments

  INA293B4IDBVR Datasheet HTML 1Page - Texas Instruments INA293B4IDBVR Datasheet HTML 2Page - Texas Instruments INA293B4IDBVR Datasheet HTML 3Page - Texas Instruments INA293B4IDBVR Datasheet HTML 4Page - Texas Instruments INA293B4IDBVR Datasheet HTML 5Page - Texas Instruments INA293B4IDBVR Datasheet HTML 6Page - Texas Instruments INA293B4IDBVR Datasheet HTML 7Page - Texas Instruments INA293B4IDBVR Datasheet HTML 8Page - Texas Instruments INA293B4IDBVR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
6 Specifications
6.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)(1)
MIN
MAX
UNIT
Supply Voltage
(Vs)
–0.3
22
V
Analog Inputs,
VIN+, VIN– (2)
Differential (VIN+) – (VIN–), INA293A5, INA293B5
–6
6
V
Differential (VIN+) – (VIN–), All others
–12
12
Common - mode
–20
120
Output
GND – 0.3
Vs + 0.3
V
TA
Operating temperature
–55
150
°C
TJ
Junction temperature
150
°C
Tstg
Storage temperature
–65
150
°C
(1)
Stresses beyond those listed under Absolute Maximum Rating may cause permanent damage to the device. These are stress
ratings only, which do not imply functional operation of the device at these or any other conditions beyond those indicated
under Recommended Operating Condition. Exposure to absolute-maximum-rated conditions for extended periods may affect device
reliability.
(2)
VIN+ and VIN– are the voltages at the IN+ and IN– pins, respectively.
6.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human body model (HBM), per ANSI/ESDA/
JEDEC JS-001, all pins(1)
±2000
V
Charged device model (CDM), per JEDEC
specification JESD22-C101, all pins(2)
±1000
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
INA293
SBOS470B – DECEMBER 2019 – REVISED AUGUST 2022
www.ti.com
4
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: INA293



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com