Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

INA293B4IDBVT Datasheet(PDF) 3 Page - Texas Instruments

Part # INA293B4IDBVT
Description  INA293 –4 V to 110 V, 1.3-MHz, Ultra-Precise Current Sense Amplifier
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA293B4IDBVT Datasheet(HTML) 3 Page - Texas Instruments

  INA293B4IDBVT Datasheet HTML 1Page - Texas Instruments INA293B4IDBVT Datasheet HTML 2Page - Texas Instruments INA293B4IDBVT Datasheet HTML 3Page - Texas Instruments INA293B4IDBVT Datasheet HTML 4Page - Texas Instruments INA293B4IDBVT Datasheet HTML 5Page - Texas Instruments INA293B4IDBVT Datasheet HTML 6Page - Texas Instruments INA293B4IDBVT Datasheet HTML 7Page - Texas Instruments INA293B4IDBVT Datasheet HTML 8Page - Texas Instruments INA293B4IDBVT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
5 Pin Configuration and Functions
1
OUT
2
GND
3
IN+
4
IN±
5
Vs
Not to scale
Figure 5-1. INA293A: DBV Package 5-Pin SOT-23
Top View
1
OUT
2
GND
3
Vs
4
IN+
5
IN±
Not to scale
Figure 5-2. INA293B: DBV Package 5-Pin SOT-23
Top View
Table 5-1. Pin Functions
PIN
TYPE
DESCRIPTION
NAME
INA293A
INA293B
GND
2
2
Ground Ground
OUT
1
1
Output
Output voltage
Vs
5
3
Power
Power supply
IN+
3
4
Input
Shunt resistor positive sense input
IN–
4
5
Input
Shunt resistor negative sense input
www.ti.com
INA293
SBOS470B – DECEMBER 2019 – REVISED AUGUST 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: INA293



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com