Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISO1044 Datasheet(PDF) 24 Page - Texas Instruments

Part # ISO1044
Description  ISO1044 Isolated CAN FD Transceiver in Small Package
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ISO1044 Datasheet(HTML) 24 Page - Texas Instruments

Back Button ISO1044 Datasheet HTML 20Page - Texas Instruments ISO1044 Datasheet HTML 21Page - Texas Instruments ISO1044 Datasheet HTML 22Page - Texas Instruments ISO1044 Datasheet HTML 23Page - Texas Instruments ISO1044 Datasheet HTML 24Page - Texas Instruments ISO1044 Datasheet HTML 25Page - Texas Instruments ISO1044 Datasheet HTML 26Page - Texas Instruments ISO1044 Datasheet HTML 27Page - Texas Instruments ISO1044 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 37 page
background image
9.2.2 Detailed Design Procedure
9.2.2.1 Bus Loading, Length and Number of Nodes
The ISO 11898-2 Standard specifies a maximum bus length of 40 m and maximum stub length of 0.3 m.
However, with careful design, users can have longer cables, longer stub lengths, and many more nodes to a
bus. A large number of nodes requires transceivers with high input impedance such as the ISO1044B
transceiver.
Many CAN organizations and standards have scaled the use of CAN for applications outside the original ISO
11898-2 Standard. These organizations and standards have made system-level trade-offs for data rate, cable
length, and parasitic loading of the bus. Examples of some of these specifications are ARINC825, CANopen,
DeviceNet, and NMEA2000.
The ISO1044B device is specified to meet the 1.5-V requirement with a 50-Ω load, incorporating the worst case
including parallel transceivers. The differential input resistance of the ISO1044B device is a minimum of 30 kΩ. If
100 ISO1044B transceivers are in parallel on a bus, this requirement is equivalent to a 300-Ω differential load
worst case. That transceiver load of 300 Ω in parallel with the 60 Ω gives an equivalent loading of 50 Ω.
Therefore, the ISO1044B device theoretically supports up to 100 transceivers on a single bus segment.
However, for CAN network design margin must be given for signal loss across the system and cabling, parasitic
loadings, network imbalances, ground offsets and signal integrity, therefore a practical maximum number of
nodes is typically much lower. Bus length may also be extended beyond the original ISO 11898 standard of 40 m
by careful system design and data-rate tradeoffs. For example, CANopen network design guidelines allow the
network to be up to 1 km with changes in the termination resistance, cabling, less than 64 nodes, and a
significantly lowered data rate.
This flexibility in CAN network design is one of the key strengths of the various extensions and additional
standards that have been built on the original ISO 11898-2 CAN standard. Using this flexibility requires the
responsibility of good network design and balancing these tradeoffs.
9.2.2.2 CAN Termination
The ISO11898 standard specifies the interconnect to be a single twisted pair cable (shielded or unshielded) with
120-Ω characteristic impedance (ZO). Resistors equal to the characteristic impedance of the line should be used
to terminate both ends of the cable to prevent signal reflections. Unterminated drop-lines (stubs) connecting
nodes to the bus should be kept as short as possible to minimize signal reflections. The termination may be in a
node, but if nodes are removed from the bus, the termination must be carefully placed so that it is not removed
from the bus.
Node 1
CAN
Transceiver
MCU or DSP
CAN
Controller
Node 2
CAN
Transceiver
MCU or DSP
CAN
Controller
Node 3
CAN
Transceiver
MCU or DSP
CAN
Controller
Node n
(with termination)
CAN
Transceiver
MCU or DSP
CAN
Controller
RTERM
RTERM
Figure 9-2. Typical CAN Bus
Termination may be a single 120-Ω resistor at the end of the bus, either on the cable or in a terminating node. If
filtering and stabilization of the common-mode voltage of the bus is desired, then split termination can be used.
ISO1044
SLLSFB0A – MARCH 2020 – REVISED JULY 2020
www.ti.com
24
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: ISO1044



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com