Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISO224 Datasheet(PDF) 12 Page - Texas Instruments

Part # ISO224
Description  ISO224 Reinforced Isolated Amplifier With Single-Ended Input of ±12 V and Differential Output of ±4 V
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ISO224 Datasheet(HTML) 12 Page - Texas Instruments

Back Button ISO224 Datasheet HTML 8Page - Texas Instruments ISO224 Datasheet HTML 9Page - Texas Instruments ISO224 Datasheet HTML 10Page - Texas Instruments ISO224 Datasheet HTML 11Page - Texas Instruments ISO224 Datasheet HTML 12Page - Texas Instruments ISO224 Datasheet HTML 13Page - Texas Instruments ISO224 Datasheet HTML 14Page - Texas Instruments ISO224 Datasheet HTML 15Page - Texas Instruments ISO224 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 37 page
background image
VDD1 (V)
4.5
6
7.5
9
10.5
12
13.5
15
16.5
18
-1
-0.8
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0.8
1
D013
ISO224A
ISO224B
VDD2 (V)
4.5
4.6
4.7
4.8
4.9
5
5.1
5.2
5.3
5.4
5.5
-1
-0.8
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0.8
1
D014
ISO224A
ISO224B
EG (%)
0
10
20
30
40
50
60
D011
EG (%)
0
10
20
30
40
50
60
70
D012
Temperature (°C)
-55 -40 -25 -10
5
20
35
50
65
80
95 110 125
-17
-16.5
-16
-15.5
-15
-14.5
-14
-13.5
-13
D009
Frequency (kHz)
0.01
0.1
1
10
100
1000
0.1
1
10
100
1000
D010
12
ISO224
SBAS738A – JUNE 2018 – REVISED OCTOBER 2018
www.ti.com
Product Folder Links: ISO224
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
Typical Characteristics (continued)
at TA = 25°C, VDD1 = VDD2 = 5 V, and VINP = –12 V to 12 V, unless otherwise noted.
Figure 11. Input Bias Current vs Temperature
ISO224B
Figure 12. Input-Referred Noise Density vs Frequency
ISO224B
Figure 13. Gain Error Histogram
ISO224A
Figure 14. Gain Error Histogram
Figure 15. Gain Error vs High-Side Supply Voltage
Figure 16. Gain Error vs Low-Side Supply Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com